Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W320ET Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29W320ET
Description  32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320ET Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29W320ET Datasheet HTML 4Page - STMicroelectronics M29W320ET Datasheet HTML 5Page - STMicroelectronics M29W320ET Datasheet HTML 6Page - STMicroelectronics M29W320ET Datasheet HTML 7Page - STMicroelectronics M29W320ET Datasheet HTML 8Page - STMicroelectronics M29W320ET Datasheet HTML 9Page - STMicroelectronics M29W320ET Datasheet HTML 10Page - STMicroelectronics M29W320ET Datasheet HTML 11Page - STMicroelectronics M29W320ET Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
M29W320ET, M29W320EB
8/46
Figure 5. Block Addresses (x8)
Note: Also see APPENDIX A., Table 20. and Table 21. for a full listing of the Block Addresses.
AI09348
64 KByte or
32 KWord
000000h
00FFFFh
64 KByte or
32 KWord
3E0000h
3EFFFFh
Top Boot Block (x8)
Address lines A20-A0, DQ15A-1
64 KByte or
32 KWord
2F0000h
2FFFFFh
64 KByte or
32 KWord
300000h
30FFFFh
8 KByte or
4 KWord
3FE000h
3FFFFFh
8 KByte or
4 KWord
3F0000h
3F1FFFh
Total of 63
Main Blocks
Total of 8
Parameter
Blocks (1)
8 KByte or
4 KWord
000000h
001FFFh
64 KByte or
32 KWord
0F0000h
0FFFFFh
Bottom Boot Block (x8)
Address lines A20-A0, DQ15A-1
8 KByte or
4 KWord
00E000h
00FFFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
010000h
01FFFFh
64 KByte or
32 KWord
3F0000h
3FFFFFh
64 KByte or
32 KWord
100000h
10FFFFh
Total of 63
Main Blocks
Note 1. Used as Extended Block Addresses in Extended Block mode.


Similar Part No. - M29W320ET

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
M29W320ET70N1 NUMONYX-M29W320ET70N1 Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
M29W320ET70N1E NUMONYX-M29W320ET70N1E Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
M29W320ET70N1F NUMONYX-M29W320ET70N1F Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
M29W320ET70N1T NUMONYX-M29W320ET70N1T Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
More results

Similar Description - M29W320ET

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com