Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327F-166AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1327F-166AC
Description  4-Mb (256K x 18) Pipelined Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327F-166AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1327F-166AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1327F-166AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1327F
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05216 Rev. *B
Revised December 12, 2003
Features
• Registered inputs and outputs for pipelined operation
• 256K ×18 common I/O architecture
• 3.3V core power supply
• 3.3V / 2.5V I/O operation
• Fast clock-to-output times
— 2.6 ns (for 250-MHz device)
— 2.6 ns (for 225-MHz device)
— 2.8 ns (for 200-MHz device)
— 3.5 ns (for 166-MHz device)
— 4.0 ns (for 133-MHz device)
— 4.5 ns (for 100-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentium interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Offered in JEDEC-standard 100-pin TQFP and 119 Ball
BGA packages.
• “ZZ” Sleep Mode Option
Functional Description[1]
The CY7C1327F SRAM integrates 262,144 x 18 SRAM cells
with advanced synchronous peripheral circuitry and a two-bit
counter for internal burst operation. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables
(BW[A:B], and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed Write cycle.This part supports Byte Write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to two bytes wide as
controlled by the byte write control inputs. GW when active
LOW causes all bytes to be written.
The CY7C1327F operates from a +3.3V core power supply
while all outputs also operate with a +3.3V or a +2.5V supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
1
Note:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com
Logic Block Diagram
A0, A1, A
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
DQA,DQPA
WRITE DRIVER
OUTPUT
BUFFERS
DQB,DQPB
WRITE DRIVER
A[1:0]
ZZ
SLEEP
CONTROL


Similar Part No. - CY7C1327F-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1327B-100AC CYPRESS-CY7C1327B-100AC Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1327B-100AI CYPRESS-CY7C1327B-100AI Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1327B-100BGC CYPRESS-CY7C1327B-100BGC Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1327B-100BGI CYPRESS-CY7C1327B-100BGI Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
More results

Similar Description - CY7C1327F-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1326F CYPRESS-CY7C1326F Datasheet
331Kb / 15P
   2-Mb (128K x 18) Pipelined Sync SRAM
CY7C1223F CYPRESS-CY7C1223F Datasheet
328Kb / 15P
   2-Mb (128K x 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com