Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128BLL-55ZRI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62128BLL-55ZRI
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BLL-55ZRI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62128BLL-55ZRI Datasheet HTML 1Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 2Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 3Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 4Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 5Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 6Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 7Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 8Page - Cypress Semiconductor CY62128BLL-55ZRI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY62128B
MoBL
Document #: 38-05300 Rev. *C
Page 4 of 11
\
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9pF
COUT
Output Capacitance
9
pF
AC Test Loads and Waveforms
Data Retention Characteristics (Over the Operating Range for “LL” version only)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V, CE1 ≥ VCC – 0.3V,
or CE2 ≤ 0.3V, VIN ≥ VCC – 0.3V or, VIN ≤ 0.3V
1.5
15
µA
tCDR
Chip Deselect to Data Retention
Time
0ns
tR
Operation Recovery Time
70
ns
90%
10%
VCC
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
100 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 1800
R1 1800
R2
990
R2
990
639
Equivalent to:
THÉVENIN EQUIVALENT
1.77V
Rise TIme:
1 V/ns
Fall TIme:
1 V/ns
Data Retention Waveform
VCC, min.
VCC, min.
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE1
VCC
CE2
or


Similar Part No. - CY62128BLL-55ZRI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SC CYPRESS-CY62128BNLL-55SC Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-55SI CYPRESS-CY62128BNLL-55SI Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BLL-55ZRI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com