Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7611 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-7611
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7611 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7611 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7611 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 12. Pulse Width Distortion
vs. Input Current.
Figure 13. Rise and Fall Time vs.
Temperature.
Figure 9. tPHL – Propagation Delay
vs. Temperature.
Figure 10. Propagation Delay vs.
Input Current.
Figure 11. Pulse Width Distortion
vs. Temperature.
Figure 7. Test Circuit for tPHL and tPLH.
Figure 8. tPLH – Propagation Delay
vs. Temperature.
110
90
50
30
-50
-30
-10
10
30
50
70
90
TA – TEMPERATURE – °C
70
120
VCC = 5 V
TA = 25° C
0
IF = 2-4 mA, RL = 4 kΩ
IF = 2-4 mA, RL = 1 kΩ
IF = 2-4 mA, RL = 350 Ω
100
80
60
40
90
50
30
-50
-30
-10
10
30
50
70
90
TA – TEMPERATURE – °C
70
0
100
80
60
40
VCC = 5 V
RL = 350 – 4 kΩ
TA = 25° C
IF = 2 mA
IF = 4 mA
110
90
50
30
1
357
9
11
IF – INPUT CURRENT – mA
70
120
246
8
10
100
80
60
40
VCC = 5 V
TA = 25° C
TPLH @ RL = 4 kΩ
TPHL @ RL = 350 – 4 kΩ
TPLH @ RL = 1 kΩ
TPLH @ RL = 350 Ω
10
-10
-50
-70
0
2
4
6
8
10
12
IF – INPUT CURRENT – mA
-30
30
20
0
-20
-40
-60
RL = 1 kΩ
RL = 350 Ω
RL = 4 kΩ
VCC = 5 V
TA = 25° C
300
290
60
0
-60 -40
-20
0
20
40
60
80 100
TA – TEMPERATURE – °C
40
20
VCC = 5.0 V
IF = 2 – 4 mA
RL = 350 Ω, 1 kΩ, 4 kΩ
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
310
320
330
tFALL
tRISE
15
0
-30
-60
-50
-30
-10
10
30
50
70
90
TA – TEMPERATURE – °C
-15
30
IF = 2 mA, RL = 350 Ω
-45
IF = 2 mA, RL = 1 kΩ
IF = 4 mA, RL = 350 Ω
IF = 4 mA, RL = 1 kΩ
IF = 4 mA, RL = 4 kΩ
IF = 2 mA, RL = 4 kΩ
0
OUTPUT VO
MONITORING
NODE
1.5 V
tPLH
tPHL
IF
INPUT
VO
OUTPUT
IF
50% IF
+5 V
IF
RL
RM
0.1µF
BYPASS
*CL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
INPUT
MONITORING
NODE
PULSE GEN.
ZO = 50 Ω
tf = tr = 5 ns
VCC
GND
18
27
36
45


Similar Part No. - HCPL-7611

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
More results

Similar Description - HCPL-7611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-020 AVAGO-HCPL-2630-020 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com