Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV12816BLL-55BI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS62WV12816BLL-55BI
Description  128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV12816BLL-55BI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS62WV12816BLL-55BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV12816BLL-55BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IS62WV12816ALL,
IS62WV12816BLL
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. E
06/08/05
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
45 ns
55 ns
70 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
45
55
70
ns
tAA
Address Access Time
45
55
70
ns
tOHA
Output Hold Time
10
10
10
ns
tACS1/tACS2
CS1/CS2 Access Time
45
55
70
ns
tDOE
OE Access Time
20
25
35
ns
tHZOE(2)
OE to High-Z Output
15
20
25
ns
tLZOE(2)
OE to Low-Z Output
5
5
5
ns
tHZCS1/tHZCS2(2)
CS1/CS2 to High-Z Output
0
15
0
20
0
25
ns
tLZCS1/tLZCS2(2)
CS1/CS2 to Low-Z Output
10
10
10
ns
tBA
LB, UB Access Time
45
55
70
ns
tHZB
LB, UB to High-Z Output
0
15
0
20
0
25
ns
tLZB
LB, UB to Low-Z Output
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 0.9V, input pulse levels of 0.4 to 1.4V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS62WV12816BLL-55BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL/DBLL ISSI-IS62WV12816DALL/DBLL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
IS62WV12816EBLL ISSI-IS62WV12816EBLL Datasheet
1Mb / 17P
   Three state outputs
More results

Similar Description - IS62WV12816BLL-55BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com