Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4255-ILSH Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATR4255-ILSH
Description  AM/FM RECEIVER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255-ILSH Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATR4255-ILSH Datasheet HTML 7Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 8Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 9Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 10Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 11Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 12Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 13Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 14Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
ATR4255
4837A–AUDR–10/04
FM Demodulator
For weather band reception, the gain of the FM demodulator is increased and can be
adjusted by means of bit 71, bit 72 in order to increase the output voltage to compen-
sate the low frequency deviation in weather band.
An integrated demodulator fine adjustment allows automatic fine tuning of the demodu-
lator center frequency to the average frequency of the received signal. This feature is
implemented for use in weather band mode and can be activated by setting bit 53 to 0.
Figure 5. FM Demodulator Automatic Fine Tuning
The center frequency of the FM demodulator can be adjusted by means of bit 56 to 59.
At the center frequency, the DC voltage at the MPX output pin 11 is equal to the MPX
offset voltage that can be measured at pin 11 while MPX mute is active (bit 7 = 1). This
adjustment will affect the center frequency of all integrated filters as mentioned before.
Table 16. Demodulator Gain in Weather Band Mode
Demodulator Gain in Weather Band Mode Relative to FM Mode
Bit 72
Bit 71
12 dB
0
0
15 dB
0
1
18 dB
1
0
21 dB
1
1
Table 17. Demodulator Fine Adjustment
Demodulator Fine Adjustment
Bit 53
Fine tuning ON
0
Fine tuning OFF
1
FM demod
+
(10 nF)
AM
AGC
B92
Center freq.
Bit 53
Automatic
frequency
adjustment
MPX
IFAGCH
V3


Similar Part No. - ATR4255-ILSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
ATR4255P-ILQY ATMEL-ATR4255P-ILQY Datasheet
386Kb / 34P
   FM Double-conversion System
ATR4255P-ILSY ATMEL-ATR4255P-ILSY Datasheet
386Kb / 34P
   FM Double-conversion System
More results

Similar Description - ATR4255-ILSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com