Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR4255-ILSH Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR4255-ILSH
Description  AM/FM RECEIVER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255-ILSH Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR4255-ILSH Datasheet HTML 3Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 4Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 5Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 6Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 7Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 8Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 9Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 10Page - ATMEL Corporation ATR4255-ILSH Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
ATR4255
4837A–AUDR–10/04
AM 1st IF Amplifier
In AM mode, the gain of the 1st IF amplifier is controlled by the IF-AGC to extend the
control range of the IF-AGC.
2nd Mixer
The 2nd mixer is used in AM, FM and WB mode. The mixer input has 330
Ω input resis-
tance and can be connected directly to an external ceramic filter.
In FM mode, the high output resistance of the second mixer is reduced to increase the
bandwidth of the tank at the mixer output. The output resistance can be selected by
bit 60 and bit 61.
The LO frequency of the 2nd mixer (10.25 MHz) has to be applied at pin 22. This signal
is usually generated by the PLL circuit U4256BM.
Table 6. Gain of the FM IF Amplifier
Gain FM IF
Bit 91
Bit 90
Bit 89
20 dB
0
0
0
22 dB
0
0
1
24 dB
0
1
0
26 dB
0
1
1
28 dB
1
0
0
29 dB
1
0
1
30 dB
1
1
0
31 dB
1
1
1
Table 7. Temperature Coefficient Setting of FM IF Amplifier
Temperature Coefficient (TC) of the IF Amplifier
Bit 66
TK
min
0
TK
max
1
Table 8. 2nd Mixer Output Resistance in FM Mode
Bit 61
Bit 60
Output Resistance (Bit 54 = 0)
Output Resistance (Bit 54 = 1)
00
3.3 k
~100 k
0
1
0.63 k
0.78 k
1
0
0.47 k
0.55 k
1
1
0.29 k
0.32 k
Table 9. FM Bandwidth Mixer 2
Bit 61
Bit 60
FM BW Mixer 2
0
0
150 kHz
0
1
200 kHz
1
0
250 kHz
1
1
450 kHz
Note:
The bandwidth is also depending from the values of the application circuit.


Similar Part No. - ATR4255-ILSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
ATR4255P-ILQY ATMEL-ATR4255P-ILQY Datasheet
386Kb / 34P
   FM Double-conversion System
ATR4255P-ILSY ATMEL-ATR4255P-ILSY Datasheet
386Kb / 34P
   FM Double-conversion System
More results

Similar Description - ATR4255-ILSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com