Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37032VP48-100BAI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY37032VP48-100BAI
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032VP48-100BAI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY37032VP48-100BAI Datasheet HTML 1Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 2Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 3Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 4Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 5Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 6Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 7Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 8Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 2 of 64
Selection Guide
5.0V Selection Guide
General Information
Device
Macrocells
Dedicated Inputs
I/O Pins
Speed (tPD)Speed (fMAX)
CY37032
32
5
32
6
200
CY37064
64
5
32/64
6
200
CY37128
128
5
64/128
6.5
167
CY37192
192
5
120
7.5
154
CY37256
256
5
128/160/192
7.5
154
CY37384
384
5
160/192
10
118
CY37512
512
5
160/192/264
10
118
Speed Bins
Device
200
167
154
143
125
100
83
66
CY37032
X
X
X
CY37064
X
X
X
CY37128
X
X
X
CY37192
X
X
X
CY37256
X
X
X
CY37384
X
X
CY37512
X
X
X
Device-Package Offering and I/O Count
Device
44-
Lead
TQFP
44-
Lead
PLCC
44-
Lead
CLCC
84-
Lead
PLCC
84-
Lead
CLCC
100-
Lead
TQFP
160-
Lead
TQFP
160-
Lead
CQFP
208-
Lead
PQFP
208-
Lead
CQFP
256-
Lead
BGA
352-
Lead
BGA
CY37032
37
37
CY37064
37
37
37
69
69
CY37128
69
69
69
133
CY37192
125
CY37256
133
133
165
197
CY37384
165
197
CY37512
165
165
197
269
3.3V Selection Guide
General Information
Device
Macrocells
Dedicated Inputs
I/O Pins
Speed (tPD)Speed (fMAX)
CY37032V
32
5
32
8.5
143
CY37064V
64
5
32/64
8.5
143
CY37128V
128
5
64/80/128
10
125
CY37192V
192
5
120
12
100
CY37256V
256
5
128/160/192
12
100
CY37384V
384
5
160/192
15
83
CY37512V
512
5
160/192/264
15
83


Similar Part No. - CY37032VP48-100BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37032VP48-100BAI CYPRESS-CY37032VP48-100BAI Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37032VP48-100BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com