Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5553 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5553 Datasheet HTML 1Page - Texas Instruments ADS5553 Datasheet HTML 2Page - Texas Instruments ADS5553 Datasheet HTML 3Page - Texas Instruments ADS5553 Datasheet HTML 4Page - Texas Instruments ADS5553 Datasheet HTML 5Page - Texas Instruments ADS5553 Datasheet HTML 6Page - Texas Instruments ADS5553 Datasheet HTML 7Page - Texas Instruments ADS5553 Datasheet HTML 8Page - Texas Instruments ADS5553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −40°C to TMAX = 85°C, sampling rate = 65 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, −1-dBFS differential input, 3-VPP differential clock, and internal reference, unless otherwise noted
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
fIN = 10 MHz
93
fIN = 46 MHz
93
f
70 MHz
Room temp
80
86
Second-harmonic, HD2
fIN = 70 MHz
Full temp range
78
85
dBc
Second harmonic, HD2
fIN = 100 MHz
86
dBc
fIN = 150 MHz
82
fIN = 225 MHz
79
fIN = 10 MHz
85
fIN = 46 MHz
84
f
70 MHz
Room temp
80
84
Third-harmonic, HD3
fIN = 70 MHz
Full temp range
78
83
dBc
Third harmonic, HD3
fIN = 100 MHz
83
dBc
fIN = 150 MHz
81
fIN = 225 MHz
75
Worst-harmonic/spur
fIN = 10 MHz
Room temp
86
dBc
Worst harmonic/spur
(other than HD2 and HD3)
fIN = 70 MHz
Room temp
85
dBc
fIN = 10 MHz
74
fIN = 46 MHz
73.5
f
70 MHz
25°C to 85°C
71.8
73.4
Signal-to-noise + distortion, SINAD
fIN = 70 MHz
Full temp range
71
73
dBFS
Signal to noise + distortion, SINAD
fIN = 100 MHz
73
dBFS
fIN = 150 MHz
71.8
fIN = 225 MHz
69.5
fIN = 10 MHz
83
fIN = 46 MHz
82
f
70 MHz
Room temp
82
Total harmonic distortion, THD
fIN = 70 MHz
Full temp range
82
dBc
Total harmonic distortion, THD
fIN = 100 MHz
81
dBc
fIN = 150 MHz
81
fIN = 225 MHz
74
Effective number of bits, ENOB
fIN = 70 MHz
11.9
Bits
f = 10.1 MHz, 15.1 MHz
(−7dBFS each tone)
94
Two-tone intermodulation distortion, IMD3
f = 48 MHz, 53 MHz
(−7 dBFS each tone)
84
dBc
f = 147 MHz, 152 MHz
(−7 dBFS each tone)
75
Crosstalk
fIN = 70 MHz(4)
−100
−95
dBc
(4) Inject one tone at −1 dBFS on one channel and measure the ampltitude on the other channel, then repeat for the other channel


Similar Part No. - ADS5553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS55 TI-ADS55 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS550-EP TI1-ADS550-EP Datasheet
944Kb / 37P
[Old version datasheet]   Analog-To-Digital Converter
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
More results

Similar Description - ADS5553

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
AFE7071 TI1-AFE7071_13 Datasheet
1Mb / 36P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI-AFE7070_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com