Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7578HMS-K Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7578HMS-K
Description  Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7578HMS-K Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7578HMS-K Datasheet HTML 1Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 2Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 3Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 4Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 5Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 6Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 7Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 8Page - OKI electronic componets MSM7578HMS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
1/18
¡ Semiconductor
MSM7578H/7578V/7579
Single Rail CODEC
GENERAL DESCRIPTION
The MSM7578 and MSM7579 are single-channel CODEC CMOS ICs for voice signals ranging
from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices are
particularly optimized for telephone terminals in digital wireless systems and ISDN systems.
The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output signal can directly drive a piezoelectric type handset receiver.
FEATURES
• Single power supply: +5.0 V
±5%
• Low power consumption
Operating mode:
25 mW Typ.
47 mW Max.
VDD = 5 V
Power down mode:
0.05 mW Typ. 0.3 mW Max.
VDD = 5 V
• ITU-T Companding law
MSM7578H:
m-law
MSM7579:
A-law
MSM7578V:
m/A-law pin-selectable
• Built-in PLL eliminates a master clock
• Serial data rate: 64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Built-in reference voltage supply
• Directly drive a line transformer of 600 W
• The16-pinDIPand24-pinSOPpackageproductsprovidepincompatibilitywiththeMSM7508B/
7509B
• The 20-pin SSOP package products have 1/3 the foot print of conventional products
• Package options:
16-pin plastic DIP (DIP16-P-300-2.54)
(Product name : MSM7578HRS)
(Product name : MSM7579RS)
(Product name : MSM7578VRS)
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product name : MSM7578HGS-K)
(Product name : MSM7578VGS-K)
(Product name : MSM7579GS-K)
20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name : MSM7578HMS-K)
(Product name : MSM7579MS-K)
(Product name : MSM7578VMS-K)
E2U0017-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7578HMS-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
More results

Similar Description - MSM7578HMS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com