Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7603B Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7603B
Description  Echo Canceler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7603B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7603B Datasheet HTML 1Page - OKI electronic componets MSM7603B Datasheet HTML 2Page - OKI electronic componets MSM7603B Datasheet HTML 3Page - OKI electronic componets MSM7603B Datasheet HTML 4Page - OKI electronic componets MSM7603B Datasheet HTML 5Page - OKI electronic componets MSM7603B Datasheet HTML 6Page - OKI electronic componets MSM7603B Datasheet HTML 7Page - OKI electronic componets MSM7603B Datasheet HTML 8Page - OKI electronic componets MSM7603B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
¡ Semiconductor
MSM7603/7603B
5/20
PIN DESCRIPTIONS (Continued)
Pin
Symbol
Type
Description
8
RST
I
9
PWDWN
I
10
HD
I
12
CLKIN
I
16
SYNCO
O
This is the input pin for the reset signal.
"L": Reset mode
"H": Normal operation mode
Due to initialization, input signals are disabled for 100 ms after reset
(after RST is returned from "L" to "H").
Input the basic clock during the reset.
Output pins during the reset are in the following sates :
High impedance: SOUT, ROUT
Not affected: SYNCO, SCKO
This is the power-down mode control pin for power down operation
"L": Power-down mode
"H": Normal operation mode
During power-down mode, all input pins are disabled and output
pins are in the following states :
High impedance : SOUT, ROUT
"L": SYNCO, SCKO
Reset after the power-down mode is released.
This pin controls the howling detect function that detects and
cancels a howling generated during hands-free talking for
acoustic system.
This function is used to cancel acoustic echoes.
"L": Howling detector ON
"H": Howling detector OFF
This is the input pin for external input for the basic clock.
Input the basic clock (17.5 to 20 MHz).
When the internal sync signal (SYNCO, SCKO) is used, input the
basic clock of 19.2 MHz.
This is the output pin for the 8 kHz sync signal for the PCM codec.
Connect to the SYNC pin and the PCMcodec transmit/receive sync
pin.
Leave open if using an external SYNC.
11
(m/A)
I
Used for MSM7603B only.
This is the input pin for m-law PCM/A-law PCM interface select
signal.
"L": A-law PCM interface
"H": m-law PCM interface
For MSM7603, apply VDD.
13
VDD (PLL)
I
This is the power supply pin for the PLL circuit used for the basic
clock.
Insert a 0.1 mF capacitor with excellent high frequency
characteristics between VDD (PLL) and VSS (PLL).
14
VSS (PLL)
I
This is the ground pin for the PLL circuit used for the basic clock.


Similar Part No. - MSM7603B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
   Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
   Echo Canceler
More results

Similar Description - MSM7603B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com