Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7578VGS-K Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7578VGS-K
Description  Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7578VGS-K Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7578VGS-K Datasheet HTML 6Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 7Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 8Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 9Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 10Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 11Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 12Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 13Page - OKI electronic componets MSM7578VGS-K Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
¡ Semiconductor
MSM7578H/7578V/7579
10/18
AC Characteristics
Condition
(VDD = +5 V ±5%, Ta = –30°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Transmit Frequency Response
Loss T1
Level
(dBm0)
60
20
26
dB
Freq.
(Hz)
Loss T2
300
–0.15
+0.07
+0.20
dB
Loss T3
1020
Reference
dB
0
Loss T4
2020
–0.15
–0.04
+0.20
dB
Loss T5
3000
–0.15
+0.06
+0.20
dB
Loss T6
3400
0
0.4
0.80
dB
Receive Frequency Response
Loss R1
300
–0.15
–0.03
+0.20
dB
Loss R2
1020
Reference
dB
Loss R3
2020
–0.15
–0.02
+0.20
dB
0
Loss R4
3000
–0.15
+0.15
+0.20
dB
Loss R5
3400
0.0
0.4
0.80
dB
SD T1
35
43
3
SD T2
35
41
0
SD T3
35
38
–30
Transmit Signal to Distortion Ratio
1020
dB
SD T4
29
31
–40
SD T5
24
27
–45
SD R1
36
43
3
SD R2
36
41
0
SD R3
36
40
–30
Receive Signal to Distortion Ratio
1020
dB
SD R4
30
33.5
–40
SD R5
25
30
–45
Transmit Gain Tracking
GT T1
–0.3
+0.01
+0.3
GT T2
Reference
GT T3
1020
–0.3
0
+0.3
dB
–40
GT T4
–0.6
–0.13
+0.6
GT T5
–1.2
–0.15
+1.2
3
–10
–50
–55
Receive Gain Tracking
GT R1
–0.3
0
+0.3
GT R2
Reference
GT R3
1020
–0.3
+0.10
+0.3
dB
GT R4
–0.6
+0.20
+0.6
GT R5
–1.2
+0.25
+1.2
–40
3
–10
–50
–55
*2
*2
*2
*2
*1
*1
30
26
29
32
24
27
*1 Psophometric filter is used
*2 Upper is specified for the MSM7578H, lower for the MSM7579


Similar Part No. - MSM7578VGS-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
More results

Similar Description - MSM7578VGS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com