Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SJ3-C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SJ3-C
Description  Photomicrosensor (Transmissive)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SJ3-C Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SJ3-C Datasheet HTML 1Page - Omron Electronics LLC EE-SJ3-C Datasheet HTML 2Page - Omron Electronics LLC EE-SJ3-C Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EE-SJ3 Series
EE-SJ3 Series
Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Light Current vs. Collector--Emitter
Voltage Characteristics (EE-SJ3-G)
Relative Light Current vs. Ambi-
ent Temperature Characteristics
(Typical)
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Collector--Emitter voltage VCE (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Response Time vs. Load Resis-
tance Characteristics (Typical)
Sensing Position Characteristics
(EE-SJ3-D)
Load resistance RL (kΩ)
Distance d (mm)
Sensing Position Characteristics
(EE-SJ3-G)
Distance d (mm)
Sensing Position Characteristics
(EE-SJ3-C)
Distance d (mm)
Ta = --30°C
Ta = 25°C
Ta = 70°C
IF =20mA
VCE =5V
VCE =10V
0 l x
Vcc = 5 V
Ta = 25°C
Input
Output
Input
Output
90 %
10 %
IF =20mA
VCE =10V
Ta = 25°C
Center of optical axis
IF =20mA
VCE =10V
Ta = 25°C
Center of optical axis
IF =20mA
VCE =10V
Ta = 25°C
Center of optical axis
Ta = 25°C
VCE =10V
IF =50mA
IF =40mA
IF =30mA
IF =20mA
IF =10mA
Ta = 25°C
Response Time Measurement
Circuit
IF
Pc
d
0
--
+


Similar Part No. - EE-SJ3-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
More results

Similar Description - EE-SJ3-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
EESX1140 OMRON-EESX1140 Datasheet
81Kb / 2P
   Photomicrosensor (Transmissive)
EE-SX1070 OMRON-EE-SX1070 Datasheet
623Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1106 OMRON-EE-SX1106 Datasheet
713Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com