Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1836 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYM1836
Description  128K x 32 Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1836 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CYM1836 Datasheet HTML 1Page - Cypress Semiconductor CYM1836 Datasheet HTML 2Page - Cypress Semiconductor CYM1836 Datasheet HTML 3Page - Cypress Semiconductor CYM1836 Datasheet HTML 4Page - Cypress Semiconductor CYM1836 Datasheet HTML 5Page - Cypress Semiconductor CYM1836 Datasheet HTML 6Page - Cypress Semiconductor CYM1836 Datasheet HTML 7Page - Cypress Semiconductor CYM1836 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYM1836
7
Ordering Information[12]
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CYM1836PM–15C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–15C
PZ08
64-Pin ZIP Module
CYM1836PY–15C
PM08
64-Pin Gold SIMM Module
CYM1836P8–15C
PM04
72-Pin Gold SIMM Module
20
CYM1836PM–20C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–20C
PZ08
64-Pin ZIP Module
CYM1836PY–20C
PM08
64-Pin Gold SIMM Module
CYM1836P8–20C
PM04
72-Pin Gold SIMM Module
25
CYM1836PM–25C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–25C
PZ08
64-Pin ZIP Module
CYM1836PY–25C
PM08
64-Pin Gold SIMM Module
CYM1836P8–25C
PM04
72-Pin Gold SIMM Module
30
CYM1836PM–30C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–30C
PZ08
64-Pin ZIP Module
CYM1836PY–30C
PM03
64-Pin Gold SIMM Module
CYM1836P8–30C
PM04
72-Pin Gold SIMM Module
35
CYM1836PM–35C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–35C
PZ08
64-Pin ZIP Module
CYM1836PY–35C
PM03
64-Pin Gold SIMM Module
CYM1836P8–35C
PM04
72-Pin Gold SIMM Module
45
CYM1836PM–45C
PM03
64-Pin SIMM Module
Commercial
CYM1836PZ–45C
PZ08
64-Pin ZIP Module
CYM1836PY–45C
PM03
64-Pin Gold SIMM Module
CYM1836P8–45C
PM04
72-Pin Gold SIMM Module
Shaded area contains preliminary information.
Note:
12. 64-pin SIMM suitable for use in angled SIMM applications.
Document #: 38–M–00050–D
Package Diagrams
64-Pin SIMM Module PM03
3.855 MAX.
3.580/3.588
124/.126 DIA.
2 PLCS
.397/.403
.245/.255
PIN 1
.075/.085
.249/.251
.061/.063 R
.135 REF.
.595 MAX.
. 200 MAX.
128KX8
128KX8
128KX8
128KX8


Similar Part No. - CYM1836

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-15C CYPRESS-CYM1831PM-15C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-20C CYPRESS-CYM1831PM-20C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-25C CYPRESS-CYM1831PM-25C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-35C CYPRESS-CYM1831PM-35C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results

Similar Description - CYM1836

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4060 IDT-IDT7MP4060 Datasheet
96Kb / 8P
   128K x 32 CMOS STATIC RAM MODULES
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
   1,024K x 32 Static RAM Module
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com