Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC910OIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2CC910OIT
Description  1:10 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2CC910OIT Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *A
Page 2 of 8
Maximum Ratings[1]
Storage Temperature: .................................–65
°C to +150°C
Ambient Temperature:................................... –40
°C to +85°C
Supply Voltage to Ground Potential
VCC .................................................................. –0.5V to 4.6V
Input ................................................................. –0.5V to 5.8V
Supply Voltage to Ground Potential
(Outputs only) ........................................... –0.5V to VDD + 1V
DC Output Voltage.................................... –0.5V to VDD + 1V
Power Dissipation........................................................ 0.75W
Variable Output Impedance Control (VOI™)
Note:
1.
Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics @ 3.3V (see Figure 2)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
V
OH
Output High Voltage
VDD = Min., VIN = VIH or VIL
IOH = –12 mA
2.3
3.3
V
V
OL
Output Low Voltage
VDD = Min., VIN = VIH or VIL
IOL = 12 mA
0.2
0.5
V
VIH
Input High Voltage
Guaranteed Logic High
Level
25.8
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
I
IH
Input High Current
VDD = Max.
VIN = 2.7V
1
uA
I
IL
Input Low Current
VDD = Max.
VIN = 0.5V
–1uA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
20
uA
V
IK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
I
OK
Continuous Clamp Current
VDD = Max., VOUT = GND
–50
mA
OOFF
Power-down Disable
VDD = GND, VOUT = < 4.5V
100
uA
V
H
Input Hysteresis
80
mV
Pull Down
0
0.5
1
1.5
2
2.5
3
3.5
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Iol (A)
Vdd = 3.3 V
Vdd = 2.5 V
Vdd = 1.8 V
Pull Up
0
0.5
1
1.5
2
2.5
3
3.5
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Ioh (A)
Vdd= 3.3 V
Vdd= 2.5 V
Vdd= 1.8 V
Figure 1. Output Voltage vs. Output Current ( TA = 25°C)


Similar Part No. - CY2CC910OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com