Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7602 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7602
Description  Echo Canceler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7602 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7602 Datasheet HTML 6Page - OKI electronic componets MSM7602 Datasheet HTML 7Page - OKI electronic componets MSM7602 Datasheet HTML 8Page - OKI electronic componets MSM7602 Datasheet HTML 9Page - OKI electronic componets MSM7602 Datasheet HTML 10Page - OKI electronic componets MSM7602 Datasheet HTML 11Page - OKI electronic componets MSM7602 Datasheet HTML 12Page - OKI electronic componets MSM7602 Datasheet HTML 13Page - OKI electronic componets MSM7602 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
¡ Semiconductor
MSM7602
10/29
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Input Voltage
Power Dissipation
Storage Temperature
Symbol
VDD
VIN
PD
TSTG
Condition
Ta = 25˚C
Rating
–0.3 to +7
–0.3 to VDD + 0.3
1
–55 to +150
Unit
V
V
W
˚C
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 V to 3.6 V, Ta = –40˚C to +85˚C)
Parameter
Output Load Capacitance
Input Capacitance
Power Supply Current (Stand-by)
Power Supply Current (Operating)
CLOAD
CI
IDDS
IDDO
PWDWN = "L"
20
10
20
15
30
50
pF
pF
mA
mA
–60
–1
–33
–0.1
–6
mA
mA
Low Level Output Leakage Current
IOZL
VOL = VSS
PD15 to PD0
with pull-up
Input other than
the above
High Level Output Voltage
Low Level Output Voltage
High Level Input Current
Low Level Input Current
High Level Output Leakage Current
Symbol
Condition
Min.
Typ.
Max.
Unit
0.1
1
mA
–60
–33
–6
mA
–1
–0.1
mA
6
60
120
mA
0.1
1
mA
0
0.4
V
2.2
VDD
V
VOH
VOL
IIH
IIL
IOZH
IOH = 40 mA
IOL = 1.6 mA
VIH = VDD
MS with pull-down
VIL = VSS
SF1, SF2 with pull-up
VOH = VDD
Parameter
Power Supply Voltage
Power Supply Voltage
High Level Input Voltage
Low Level Input Voltage
Operating Temperature
Symbol
VDD
VSS
VIH
VIL
Ta
Condition
Pins other than X1
Min.
2.7
2.0
0
–40
Unit
V
V
V
V
˚C
Typ.
3.3
0
+25
Max.
3.6
VDD
0.5
+85
(VDD = 2.7 V to 3.6 V)
X1 pin
2.2
V
—VDD
Parameter
Power Supply Voltage
Power Supply Voltage
High Level Input Voltage
Low Level Input Voltage
Operating Temperature
Symbol
VDD
VSS
VIH
VIL
Ta
Condition
Pins other than X1, SCK
Min.
4.5
2.4
0
–40
Unit
V
V
V
V
˚C
Typ.
5
0
+25
Max.
5.5
VDD
0.8
+85
(VDD = 4.5 V to 5.5 V)
X1, SCK pins
3.5
V
—VDD


Similar Part No. - MSM7602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
   Echo Canceler
More results

Similar Description - MSM7602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com