Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB4272 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4272
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4272 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4272 Datasheet HTML 1Page - Cirrus Logic CDB4272 Datasheet HTML 2Page - Cirrus Logic CDB4272 Datasheet HTML 3Page - Cirrus Logic CDB4272 Datasheet HTML 4Page - Cirrus Logic CDB4272 Datasheet HTML 5Page - Cirrus Logic CDB4272 Datasheet HTML 6Page - Cirrus Logic CDB4272 Datasheet HTML 7Page - Cirrus Logic CDB4272 Datasheet HTML 8Page - Cirrus Logic CDB4272 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS4272
24-Bit, 192 kHz Stereo Audio CODEC
D/A Features
! High Performance
– 114 dB Dynamic Range
– -100 dB THD+N
! Up to 192 kHz Sampling Rates
! Differential Analog Architecture
! Volume Control with Soft Ramp
– 1 dB Step Size
– Zero Crossing Click-free Transitions
! Selectable Digital Filters
– Fast and Slow Roll Off
! ATAPI Mixing Functions
! Selectable Serial Audio Interface Formats
– Left Justified up to 24-bit
–I2S up to 24-bit
– Right Justified 16-, 18-, 20-, and 24-Bit
! Control Output for External Muting
! Selectable 50/15
µs De-emphasis
A/D Features
! High Performance
– 114 dB Dynamic Range
– -100 dB THD+N
! Up to 192 kHz Sampling Rates
! Differential Analog Architecture
! Multi-bit Delta Sigma Conversion
! High-pass Filter or DC Offset Calibration
! Low-Latency Digital Anti-alias Filtering
! Automatic Dithering of 16-bit Data
! Selectable Serial Audio Interface Formats
– Left Justified up to 24-bit
–I2S up to 24-bit
System Features
! Direct Interface with 5V to 2.5V Logic Levels
! Internal Digital Loopback
! On-chip Oscillator
! Stand-Alone or Control Port Functionality
2.5 V to 5 V
Left and
Right Mute
Controls
∆Σ Modulator
∆Σ Modulator
Low-Latency
Anti-Alias Filter
External
Mute Control
Register / Hardware
Configuration
Internal Voltage
Reference
Internal
Oscillator
Volume
Control
Selectable
Interpolation
Filter
Selectable
Interpolation
Filter
Reset
Left
Differential
Output
Right
Differential
Output
Switched Capacitor
DAC and Filter
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Low-Latency
Anti-Alias Filter
High Pass Filter &
DC Offset Calibration
High Pass Filter &
DC Offset Calibration
Left
Differential
Input
Right
Differential
Input
Volume
Control
Serial
Audio
Input
Serial
Audio
Output
3.3 V to 5 V
5 V
Hardware or
I
2C/SPI
Control Data
Switched Capacitor
DAC and Filter
AUGUST '05
DS593F1


Similar Part No. - CDB4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4272 CIRRUS-CDB4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CDB4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com