Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4272 Datasheet(PDF) 2 Page - Cirrus Logic

Part No. CS4272
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 2 page
background image
CS4272
2
DS593F1
Stand-Alone Mode Feature Set
! System Features
– Serial Audio Port Master or Slave Operation
– Internal Oscillator for Master Clock
! D/A Features
– Auto-mute on Static Samples
– 44.1 kHz 50/15
µs De-emphasis Available
– Selectable Serial Audio Interface Formats
"Left Justified up to 24-bit
"I2S up to 24-bit
! A/D Features
– Automatic Dithering for 16-bit Data
– High-pass Filter
– Selectable Serial Audio Interface Formats
"Left Justified up to 24-bit
"I2S up to 24-bit
Software Mode Feature Set
! System Features
– Serial Audio Port Master or Slave Operation
– Internal Oscillator for Master Clock
– Internal Digital Loopback Available
! D/A Features
– Selectable Auto-mute
– Selectable Interpolation Filters
– Selectable 32-, 44.1-, and 48-kHz De-emphasis
Filters
– Configurable ATAPI Mixing Functions
– Configurable Volume and Muting Controls
– Selectable Serial Audio Interface Formats
"Left Justified up to 24-bit
"I2S up to 24-bit
"Right Justified 16, 18, 20, and 24-bit
! A/D Features
– Selectable Dithering for 16-bit Data
– Selectable High-pass Filter or DC Offset Calibration
– Selectable Serial Audio Interface Formats
"Left Justified up to 24-bit
"I2S up to 24-bit
General Description
The CS4272 is a high-performance, integrated audio
CODEC. The CS4272 performs stereo analog-to-digital
(A/D) and digital-to-analog (D/A) conversion of up to
24-bit serial values at sample rates up to 192 kHz.
The D/A offers a volume control that operates with a
1 dB step size. It incorporates selectable soft ramp and
zero crossing transition functions to eliminate clicks and
pops.
The D/A’s integrated digital mixing functions allow a va-
riety of output configurations ranging from a channel
swap to a stereo-to-mono downmix.
Standard 50/15
µs de-emphasis is available for sam-
pling rates of 32, 44.1, and 48 kHz for compatibility with
digital audio programs mastered using the 50/15
µs pre-
emphasis technique.
Integrated level translators allow easy interfacing be-
tween the CS4272 and other devices operating over a
wide range of logic levels.
An on-chip oscillator eliminates the need for an external
crystal oscillator circuit. This can reduce overall design
cost and conserve circuit board space. The CS4272 au-
tomatically uses the on-chip oscillator in the absence of
an applied master clock, making this feature easy to
use.
Independently addressable high-pass filters are avail-
able for the right and left channel of the A/D. This allows
the A/D to be used in a wide variety of applications
where one audio channel and one DC measurement
channel is desired.
The CS4272’s wide dynamic range, negligible distor-
tion, and low noise make it ideal for applications such as
A/V receivers, DVD-R, CD-R, digital mixing consoles,
effects processors, set-top box systems, and automo-
tive audio systems.
Ordering Information
Product
Description
Package
Pb-Free
Grade
Temp Range
Container Order #
CS4272
24-Bit, 192 kHz
Stereo Audio CODEC
28-pin
TSSOP
YES
Commercial
-10° to +70° C
Tube
CS4272-CZZ
Tape & Reel CS4272-CZZR
Automotive
-40° to +85° C
Tube
CS4272-DZZ
Tape & Reel CS4272-DZZR
CDB4272
CS4272 Evaluation Board
No
-
-
-
CDB4272




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS427124-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
CS4265105 dB 24-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
CS427024-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
STAC9460Two and Six-Channel 24-Bit 192 kHz Audio Codec 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TLC320AD77C24-BIT 96 kHz STEREO AUDIO CODEC 1 2 3 4 5 MoreTexas Instruments
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
PCM179624BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
CS4245105 dB 24-Bit 192 kHz Streo Sudio CODEC 1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
TLV320AIC23BSTEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl