Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4245-CQZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4245-CQZ
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245-CQZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS4245-CQZ Datasheet HTML 1Page - Cirrus Logic CS4245-CQZ Datasheet HTML 2Page - Cirrus Logic CS4245-CQZ Datasheet HTML 3Page - Cirrus Logic CS4245-CQZ Datasheet HTML 4Page - Cirrus Logic CS4245-CQZ Datasheet HTML 5Page - Cirrus Logic CS4245-CQZ Datasheet HTML 6Page - Cirrus Logic CS4245-CQZ Datasheet HTML 7Page - Cirrus Logic CS4245-CQZ Datasheet HTML 8Page - Cirrus Logic CS4245-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
CS4245
5
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDA/CDOUT
1
Serial Control Data (
Input/Output) - SDA is a data I/O in I²C mode. CDOUT is the output data line for
the control port interface in SPI mode.
SCL/CCLK
2
Serial Control Port Clock (
Input) - Serial clock for the serial control port.
AD0/CS
3
Address Bit 0 (I²C) / Control Port Chip Select (SPI)
(Input) - AD0 is a chip address pin in I²C mode;
CS is the chip select signal for SPI format.
AD1/CDIN
4
Address Bit 1 (I²C) / Serial Control Data Input (SPI)
(Input) - AD1 is a chip address pin in I²C mode;
CDIN is the input data line for the control port interface in SPI mode.
VLC
5
Control Port Power (
Input) - Determines the required signal level for the control port interface. Refer
to the Recommended Operating Conditions for appropriate voltages.
RESET
6
Reset (
Input) - The device enters a low power mode when this pin is driven low.
AIN3A
AIN3B
7,
8
Stereo Analog Input 3 (
Input) - The full scale level is specified in the ADC Analog Characteristics
specification table.
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
VLS
SDA/CDOUT
SCL/CCLK
AD0/CS
AD1/CDIN
VLC
RESET
AIN3A
AIN3B
AIN2A
AIN2B
AIN1A
AIN1B
MUTEC
AOUTB
AOUTA
AGND
AGND
VA
AUXOUTB
AUXOUTA
AIN6B
AIN6A
MICBIAS
CS4245


Similar Part No. - CS4245-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZR CIRRUS-CS4245-CQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4245-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com