Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4245 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 5Page - Cirrus Logic CS4245 Datasheet HTML 6Page - Cirrus Logic CS4245 Datasheet HTML 7Page - Cirrus Logic CS4245 Datasheet HTML 8Page - Cirrus Logic CS4245 Datasheet HTML 9Page - Cirrus Logic CS4245 Datasheet HTML 10Page - Cirrus Logic CS4245 Datasheet HTML 11Page - Cirrus Logic CS4245 Datasheet HTML 12Page - Cirrus Logic CS4245 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
CS4245
9
DAC ANALOG CHARACTERISTICS (Full-Scale Output Sine Wave, 997 Hz; Test load R
L = 3 kΩ,
CL = 10 pF (see Figure 1), Fs = 48/96/192 kHz. Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise speci-
fied.) Synchronous mode.
Note:
3. One-half LSB of triangular PDF dither added to data.
4. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin
due to typical leakage through the electrolytic DC blocking capacitors.
5. Guaranteed by design. See Figure 2. RL and CL reflect the recommended minimum resistance and
maximum capacitance required for the internal op-amp’s stability. CL affects the dominant pole of the
internal output amp; increasing CL beyond 100 pF can cause the internal op-amp to become unstable.
Parameter
All Speed Modes
Symbol
Min
Typ
Max
Unit
Dynamic Performance for VA = 5 V
Dynamic Range
(Note 3)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
96
99
87
90
102
105
93
96
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-95
-82
-42
-93
-73
-33
-89
-76
-36
-87
-67
-27
dB
dB
dB
dB
dB
dB
Dynamic Performance for VA = 3.3 V
Dynamic Range
(Note 3)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
85
88
99
102
90
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-92
-79
-39
-90
-70
-30
-84
-71
-31
-82
-62
-22
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Full Scale Output Voltage
0.60*VA
0.65*VA
0.70*VA
Vpp
DC Current draw from an AOUT pin
(Note 4)
IOUT
--
10
µA
AC-Load Resistance
(Note 5)
RL
3-
-
k
Load Capacitance
(Note 5)
CL
--
100
pF
Output Impedance
ZOUT
-
100
-


Similar Part No. - CS4245

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZR CIRRUS-CS4245-CQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-DQZ CIRRUS-CS4245-DQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-DQZR CIRRUS-CS4245-DQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4245

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com