Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW6S010 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MW6S010
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S010 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MW6S010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MW6S010NR1 MW6S010GNR1 MW6S010MR1 MW6S010GMR1
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1A
Machine Model (per EIA/JESD22-A115)
A
Charge Device Model (per JESD22-C101)
III
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
1
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 68 Vdc, VGS = 0 Vdc)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 µAdc)
VGS(th)
1.5
2.3
3
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 125 mAdc)
VGS(Q)
3.1
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 0.3 Adc)
VDS(on)
0.27
0.35
Vdc
Dynamic Characteristics
Input Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Ciss
23
pF
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
10
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
0.32
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 125 mA, Pout = 10 W PEP, f = 960 MHz,
Two-Tone Test, 100 kHz Tone Spacing
Power Gain
Gps
17.5
18
20.5
dB
Drain Efficiency
ηD
31
32
%
Intermodulation Distortion
IMD
-37
-33
dBc
Input Return Loss
IRL
-18
-10
dB
Typical Performances (In Freescale 450 MHz Demo Board, 50 οhm system) VDD = 28 Vdc, IDQ = 150 mA, Pout = 10 W PEP,
420 MHz<Frequency<470 MHz, Two-Tone Test, 100 kHz Tone Spacing
Power Gain
Gps
20
dB
Drain Efficiency
ηD
33
%
Intermodulation Distortion
IMD
-40
dBc
Input Return Loss
IRL
-10
dB


Similar Part No. - MW6S010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
730Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010GNR1 NXP-MW6S010GNR1 Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
MW6S010N NXP-MW6S010N Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MW6S010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com