Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT51C164MC-35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UT51C164MC-35
Description  256K X 16 BIT EDO DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164MC-35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UT51C164MC-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 10Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 11Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 12Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
9
TRUTH TABLE
FUNCTION
RAS
LCAS
UCAS
WE
OE ADDRESS DQ(0-7) DQ(8-15) NOTE
Standby
H
H
H
X
X
X
High-Z
High-Z
Read: Word
L
L
L
H
L
ROW/COL DQ-OUT
Read: Lower Byte
L
L
H
H
L
ROW/COL DQ-OUT High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL High-Z
DQ-OUT
Write: Word
(Early-Write)
L
L
L
L
X
ROW/COL DQ-IN
Write: Lower Byte
(Early-Write)
L
L
H
L
X
ROW/COL DQ-IN
High-Z
Write: Upper Byte
(Early-Write)
L
H
L
L
X
ROW/COL High-Z
DQ-IN
Read-Write
L
L
L
H→L L→H ROW/COL DQ-OUT,DQ-IN
*1,2
EDO Page-Mode
Read
L
H→L
H→L
H
L
COL
DQ-OUT
*2
EDO Page-Mode
Write
L
H→L
H→L
L
X
COL
DQ-IN
*2
EDO Page –Mode
Read-Write
L
H→L
H→L
H→L L→H
COL
DQ-OUT,DQ-IN
*1,2
Hidden Refresh
Read
L→H→L
L
L
H
L
ROW/COL DQ-OUT
*2
RAS Only
Refresh
L
H
H
X
X
ROW
High-Z
CBR Refresh
H→L
L
L
X
X
X
High-Z
Notes:
1. Byte Write cycles LCAS or UCAS active.
2. Byte Read cycles LCAS or UCAS active.


Similar Part No. - UT51C164MC-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-35 ETC1-UT51C161JC-35 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-40 ETC1-UT51C161JC-40 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-50 ETC1-UT51C161JC-50 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-60 ETC1-UT51C161JC-60 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
More results

Similar Description - UT51C164MC-35

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com