Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT51C164MC-35 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UT51C164MC-35
Description  256K X 16 BIT EDO DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT51C164MC-35 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UT51C164MC-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UT51C164MC-35 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
UTRON
UT51C164
Rev 1.4
256K X 16 BIT EDO DRAM
UTRON TECHNOLOGY INC.
P90005
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
6
AC CHARACTERISTICS (TA = 0℃ to 70°C)
Test condition: VDD = 5.0V±0.5V, VIH / VIL=3V / 0V, VOH / VOL=2.0 / 0.8)
35
40
50
60
SYMBOL PARAMETER
Min. Max. Min. Max. Min. Max. Min. Max.
UNIT NOTE
1
tRAS
RAS Pulse Width
35
75K
40
75K
50
75K
60
75K
ns
2
tRC
Read or Write Cycle Time
70
75
90
110
ns
3
tRP
RAS Precharge Time
25
25
30
40
ns
4
tCSH
CAS Hold Time
35
40
50
60
ns
5
tCAS
CAS Pulse Width
8
8
10
10
ns
6
tRCD
RAS to CAS Delay
13
24
17
28
19
36
20
45
ns
7
tRCS
Read Command Setup Time
0
0
0
0
ns
*1
8
tASR
Row Address Setup Time
0
0
0
0
ns
9
tRAH
Row Address Hold Time
6
7
9
10
ns
10
tASC
Column Address Setup Time
0
0
0
0
ns
11
tCAH
Column Address Hold Time
6
7
9
10
ns
12
tRSH
RAS to CAS Hold Time
10
12
14
15
ns
13
tCRP
CAS to RAS Precharge
Time
5
5
5
5
ns
14
tRCH
Read Command Hold Time
Reference CAS
0
0
0
0
ns
*2
15
tRRH
Read Command Hold Time
Reference RAS
0
0
0
0
ns
*2
16
tROH
RAS Hold Time Referenced
to OE
7
8
10
10
ns
17
tOAC
Access Time from OE
11
12
14
15
ns
*9
18
tCAC
Access Time from CAS
11
12
14
15
ns
*3,4,11
19
tRAC
Access Time from RAS
35
40
50
60
ns
*3,5,6
20
tCAA
Access Time From Column
Address
18
20
24
30
ns
*3,4,7
21
tLZ
OE or CAS to Low-Z Output
0
0
0
0
ns
*13
22
tHZ
OE or CAS to High-Z
Output
0
5
0
6
0
8
0
10
ns
*13
23
tAR
Column Address Hold Time
from RAS
25
30
40
50
ns
24
tRAD
RAS to Column Address
Delay Time
10
17
12
20
14
26
15
30
ns
*8
25
tT
Transition Time
1.5
50
1.5
50
1.5
50
1.5
50
ns
*12
26
tCWL
Write Command to CAS
Lead Time
8
10
10
10
ns
27
tWCS
Write Command Setup Time
0
0
0
0
ns
*9,10
28
tWCH
Write Command Hold time
5
6
7
10
ns
29
tWP
Write Pulse Width
5
6
7
10
ns


Similar Part No. - UT51C164MC-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-35 ETC1-UT51C161JC-35 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-40 ETC1-UT51C161JC-40 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-50 ETC1-UT51C161JC-50 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
UT51C161JC-60 ETC1-UT51C161JC-60 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
More results

Similar Description - UT51C164MC-35

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
logo
List of Unclassifed Man...
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com