Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P985PFV-101 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89P985PFV-101
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P985PFV-101 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89P985PFV-101 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P985PFV-101 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
MB89980 Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• The stack area, etc., is set at the upper limit of the RAM.
2. Current Consumption
• In the case of the MB89PV980, add the current consumed by the EPROM which is connected to the top socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in the sleep/stop modes is the same. (For more information, see section
“s Electrical Characteristics.”)
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check section “s Mask Options.”
Take particular care on the following points:
• A pull-up resistor is not selectable for P40 to P47 and P60 to P65 if they are used as LCD pins.
• A pull-up resistor is not selectable for P50 to P53 if they are used as analog input.
4. Pull-up resistor
Pull-up resisitors of MB89P985 and MB89PV980 are selected by pull-up control registor (Port 0, 1, 5), but there
are no pull-up resistor for Port 2, 4 and 6 in MB89P985 and MB89PV980.
ALL pull-up resistor of MB89983 are selected by mask option (Port 0, 1, 2, 4, 5, 6)
5. Segment/Common port
The Segment/Port , Common/Port output in MB89P985 and MB89PV980 are selected by control register, LCR2.
The Segment/Port , Common/Port output in MB89983 are selected by mask option.


Similar Part No. - MB89P985PFV-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P915 FUJITSU-MB89P915 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89P915P-101-SH FUJITSU-MB89P915P-101-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89P915P-102-SH FUJITSU-MB89P915P-102-SH Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89P915PF-101 FUJITSU-MB89P915PF-101 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89P915PF-102 FUJITSU-MB89P915PF-102 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P985PFV-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com