Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3120-FFN Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # MAXQ3120-FFN
Description  High-Precision ADC Mixed-Signal Microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

MAXQ3120-FFN Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button MAXQ3120-FFN Datasheet HTML 7Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 8Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 9Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 10Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 11Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 12Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 13Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 14Page - Dallas Semiconductor MAXQ3120-FFN Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
High-Precision ADC
Mixed-Signal Microcontroller
____________________________________________________________________
11
Refer to the user’s guide supplement for this device for
more details.
In all cases, whichever memory segment is currently
being executed from cannot be accessed in data space.
To allow the use of lookup tables and similar constructs
in the flash memory, the utility ROM contains a set of
lookup and block copy routines (refer to the user’s guide
supplement for this device for more details).
The incorporation of flash memory allows the device to
be reprogrammed, eliminating the expense of throwing
away one-time programmable devices during develop-
ment and field upgrades. Flash memory can be pass-
word protected with a 16-word key, denying access to
program memory by unauthorized individuals.
Stack Memory
A 16-bit-wide internal stack provides storage for pro-
gram return addresses and general-purpose use. The
stack is used automatically by the processor when the
CALL, RET, and RETI instructions are executed and
interrupts serviced. The stack can also be used explic-
itly to store and retrieve data by using the PUSH, POP,
and POPI instructions.
On reset, the stack pointer, SP, initializes to the top of
the stack (0Fh). The CALL, PUSH, and interrupt-vector-
ing operations increment SP, then store a value at the
stack location pointed to by SP. The RET, RETI, POP,
and POPI operations retrieve the value at the stack
location pointed to by SP, and then decrement SP.
Utility ROM
The utility ROM is a 2kWord block of internal ROM
memory that defaults to a starting address of 8000h.
The utility ROM consists of subroutines that can be
called from application software. These include:
• In-system programming (bootloader) over the JTAG
interface
• In-circuit debug routines
• Test routines (internal memory tests, memory loader,
etc.)
• User-callable routines for in-application flash pro-
gramming and code space table lookup
Figure 1. Memory Map
DATA SPACE
(WORD MODE)
87FFh
8000h
00FFh
0000h
A0FFh
A000h
DATA SPACE
(BYTE MODE)
8FFFh
8000h
01FFh
0000h
87FFh
3FFFh
8000h
0000h
SYSTEM
REGISTERS
PROGRAM
SPACE
256 x 16
DATA SRAM
2k x 16
UTILITY ROM
4k x 8
UTILITY ROM
512 x 8
DATA SRAM
256 x 16
DATA SRAM
2k x 16
UTILITY ROM
16 x 16
STACK
M0
x0h
x1Fh
M1
M2
M3
0xh
1xh
2xh
3xh
AP
x0h
xFh
A
PFX
IP
8xh
9xh
Bxh
SP
DPC
DP
Dxh
Exh
Fxh
Cxh
PERIPHERAL
REGISTERS
16k x 16
PROGRAM
FLASH
OR MASKED
ROM


Similar Part No. - MAXQ3120-FFN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3120-KIT MAXIM-MAXQ3120-KIT Datasheet
414Kb / 9P
   MAXQ3120 Evaluation Kit
Rev 0; 10/05
More results

Similar Description - MAXQ3120-FFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com