Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9951DCCB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9951DCCB
Description  Dual Per-Pin Parametric Measurement Units
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9951DCCB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9951DCCB Datasheet HTML 1Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 2Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 3Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 4Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 5Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 6Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 7Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 8Page - Maxim Integrated Products MAX9951DCCB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual Per-Pin Parametric
Measurement Units
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIOS_ = VDUTGND
-4
+4
Measure-Output-Voltage
Range Over Full-Current
Range
VMSR
VIOS_ = 4V + VDUTGND
0+8
V
Current-Sense Amp
Offset-Voltage Input
VIOS
Relative to VDUTGND
-0.2
+4.4
V
Rejection of Output-
Measure Error Due to
Common-Mode Sense
Voltage
CMVRLER (Notes 4 and 6)
+0.001
+0.007
%FSR/V
Range E, R_E = 500k
-2
+2
Range D, R_D = 50k
-20
+20
Range C, R_C = 5k
-200
+200
µA
Range B, R_B = 500
-2
+2
Measure-Current Range
Range A, R_A = 15.6
-64
+64
mA
FORCE CURRENT
VIOS_ = VDUTGND
-4
+4
Input Voltage Range for
Setting Forced Current
Over Full Range
VIN0_,
VIN1_
VIOS_ = 4V + VDUTGND
0+8
V
Current-Sense Amp
Offset-Voltage Input
VIOS
Relative to VDUTGND
-0.2
+4.4
V
IOS_ Input Bias Current
±1
µA
Forced-Current Offset
(Note 2)
-1
+1
%FSR
Forced-Current-Offset
Temperature Coefficient
±20
ppm/°C
Forced-Current Gain
Error
(Note 4)
-1
+1
%
Forced-Current-Gain
Temperature Coefficient
±20
ppm/°C
Forced-Current Linearity
Error
IFLER
Gain and offset errors calibrated out
(Notes 2, 3, 5)
-0.02
+0.02
%FSR
Rejection of Output Error
Due to Common-Mode
Load Voltage
CMRIOER (Notes 4 and 6)
+0.001
+0.007
%FSR/V
Range E, R_E = 500k
-2
+2
Range D, R_D = 50k
-20
+20
Range C, R_C = 5k
-200
+200
µA
Range B, R_B = 500
-2
+2
Forced-Current Range
Range A, R_A = 15.6
-64
+64
mA
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V, VEE = -7V, VL = +3.3V, TA = +25°C, unless otherwise noted. Specifications at TA = TMIN and TA = TMAX are guaranteed
by design and characterization. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX9951DCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9951DCCB+D MAXIM-MAX9951DCCB+D Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
MAX9951DCCB+D MAXIM-MAX9951DCCB+D Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9951DCCB+TD MAXIM-MAX9951DCCB+TD Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
MAX9951DCCB+TD MAXIM-MAX9951DCCB+TD Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9951DCCB-D MAXIM-MAX9951DCCB-D Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
More results

Similar Description - MAX9951DCCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9951 MAXIM-MAX9951_09 Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com