Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65520 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS65520
Description  POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65520 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65520 Datasheet HTML 28Page - Texas Instruments TPS65520 Datasheet HTML 29Page - Texas Instruments TPS65520 Datasheet HTML 30Page - Texas Instruments TPS65520 Datasheet HTML 31Page - Texas Instruments TPS65520 Datasheet HTML 32Page - Texas Instruments TPS65520 Datasheet HTML 33Page - Texas Instruments TPS65520 Datasheet HTML 34Page - Texas Instruments TPS65520 Datasheet HTML 35Page - Texas Instruments TPS65520 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
www.ti.com
+
+
0.85[V]
DAC
Vout7
GND_REG
GND_REG
GND_REG
+
+
MAX
DUTY
TRIM_DTCR1,
TRIM_DTCF1
VCH3
VCC7
SS_SYNC
ERR7
CERR7
SSSYNC
L7
CCH7
VCC_GD
GND_GD
Dmax7
VCH3
GND_GD
EN7S
GND_REG
GND_REG
OVP
SCP
VCH3
VCH3
VCH3
VOS71
VOS72
VOS73
VCH7
MODE7
PM71
NM71
CH-8
TPS65520
SLVS557A – MARCH 2005 – REVISED MARCH 2005
Figure 24. CH-7 Block Diagram (Step-down)
As shown in Figure 24, the step-down circuit configuration uses CH-3 as an input power supply that assures a
voltage higher than the output voltage.
CH-7 has the VOS71 pin for controlling a separate PMOS switch, preventing the input voltage from appearing on
the output side when the channel is turned off (MODE7 = H). Without the switch, the parasitic diode in the
external PMOS would carry the input voltage from coil L7 and cause a current to flow into the load. This switch
turns on or off according to the settings in the CH7-SW control register.
When CH-7 is activated, CH-8 supplies power to CH-7. To prevent overload on CH-8 during startup, CH-7
compares VCH8 and VCH7 and performs asynchronous rectification using a body diode until VCH7 exceeds
VCH8.
CH-7 supports the OVP, SCP and soft start functions. The soft start function is common to CH-1, CH-4, and
CH-7.
When CH-7 is not used, handle the pins as shown below. CH-7 will enter Step-down mode with its state equal to
the stable output state, stopping operation.
PIN
HANDLING
ERR7
0.1 µF - Connect a 0.1-µF capacitor between the pin and the ground
VCH7
VCH1 - Short-circuit to VCH1
VOS71
Open
MODE7
Short-circuit to the ground
VCC7
Open
VOS72
Open
VOS73
Open
CH-8 is a step-up switching regulator for LDO-1, LDO-2, LDO-3, LDO-4, and the internal power supplies of the
TPS65520. CH-8 is a 3.6-V output regulator and outputs the input voltage (VCC8) when it is higher than 3.6 V.
CH-8 is turned on whenever the battery and/or ac adaptor is connected. It operates in Skip mode while the
PWR_ON pin is low, meaning that only the Sub-CPU real-time clock is operating. Once the PWR_ON pin is
driven high, CH-8 enters Synchronous rectification mode, where it can supply the maximum load current.
CH-8 has a startup circuit that can start with a low input voltage because the startup of CH-8 enables the entire
DSC system to start up. It outputs 3.6 V from a minimum input voltage (VCC8) of 1.6 V.
32


Similar Part No. - TPS65520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520AZVDR TI1-TPS65520AZVDR Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
More results

Similar Description - TPS65520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Sanyo Semicon Device
LA74309TT SANYO-LA74309TT Datasheet
69Kb / 5P
   Monolithic Linear IC Microphone Amplifier for Digital Still Camera
LV5622LP SANYO-LV5622LP Datasheet
91Kb / 6P
   For Digital Still Camera Main/Back-up Power Supply Switching IC
logo
Panasonic Semiconductor
AN2905FHQ PANASONIC-AN2905FHQ Datasheet
131Kb / 9P
   Sound input/output interface IC for digital still camera
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
   Chip-set for Digital Still Camera
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com