Part Name
         Description
TPS65520

 POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA ( 61 Page)


TI
100% 
Zoom Out Zoom In
 
 2 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS65520
SLVS557A – MARCH 2005 – REVISED MARCH 2005
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
ROMWR
–0.3 V to 24 V
MODE7, DIN, CLK, LD, PWR_ON, LDO4_ON,
–0.3 V to 7 V
TEST, TLD
VI
Input voltage range(2)
VCH2, VCH7, VCC8
–0.3 V to 6.5 V
VCC1, VCC2, VCC5, VCC7, VCC_GD
–0.3 V to 6 V
VCH5
–10.0 V to 0.3 V
VCH4, OUT4, VLDO5, VCH6, ICH6, OUT6
–0.3 V to 24 V
BOOT11, BOOT12, BOOT2
–0.3 V to 11 V
VOS71, DOUT, XRESET, READY
–0.3 V to 7 V
VO
Output voltage range(2)
ROSC
–0.3 V to 6.5 V
OUT5
–10.0 V to 5.1 V
OUT3
–0.3 V to 6 V(3)
Others
–0.3 V to 6 V
VCC1 = OUT11, GND1 = OUT11, OUT12 =
VCH1, OUT12 = GND1, OUT3 = VCH3, OUT3
–4.5 A to 4.5 A
= GND3
Peak current of Power Path
OUT8 = VCH8, OUT8 = GND8
–3.0 A to 3 A
VCC2 = OUT2, GND2 = OUT2, OUT4 = VCH4,
OUT4 = GND4, VCC5 = OUT5, OUT6 = VCH6,
–1.5 A to 1.5 A
OUT6 = GND6
Voltage difference between two of any GND pins (name starts with GND)
–0.5 V to 0.5 V
ESD rating, HBM (Human Body Model)
JEDEC JESD22-A114
1.5 kV
ESD rating, CDM (Charged Device Model)
JEDEC JESD22-C101
500 V
PD
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–20°C to 150°C
TA
Operating ambient temperature range
–20°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under ”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to network ground terminal.
(2)
All voltage values are with respect to network ground terminal.
(3)
For the pulse smaller than 5 ns, Maximum rating is 8.6 V.
POWER RATING
DERATING FACTOR
POWER RATING
PACKAGE
TA < 25°C
ABOVE TA = 25°C
TA = 70°C
nFBGA 113(1)
2.99 W
23.9 mW/°C
1.95 W
(1)
This data is based on using still air JEDEC environment with 2S2P JEDEC board.
2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT1403BSIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
BD9730KV5-Channel Switching Regulator Controller for Digital Still Camera 1 2 3 4 5 MoreRohm
LQ6AN102Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
BU2385KNClock generator for digital still camera 1 2 3 4 5 Rohm
ALP127ALXlow power consumption 1.5 inch low temperature poly-silicon TFT-LCD module is suitable for view finder of digital still camera. 1 2 3 4 5 MoreSanyo Semicon Device
BH6412KNMonaural Audio Interface LSI for Digital still camera 1 2 3 4 5 MoreRohm
MAX1565Small High-Efficiency Five-Channel Digital Still Camera Power Supply 1 2 3 4 5 MoreMaxim Integrated Products
AAT1401FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MN103S5405YDChip-set for Digital Still Camera 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl