Part Name
         Description
TPS65520

 POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA ( 61 Page)


TI
100% 
Zoom Out Zoom In
 
 4 page
background image
www.ti.com
TPS65520
SLVS557A – MARCH 2005 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
T
A = 25°C, VCC1 = 3.6 V, VCC2 = 3.6 V, VCC5 = 4.9 V, VCC7 = 4.9 V, VCC8 = 3.6 V, VCH8 = 3.6 V, VCH3 = 4.9 V,
VCH_GD = 4.9 V, LDO4_ON = L, and all register bits are default value (unless otherwise noted) .
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
Source current of SS_SYNC
VSS_SYNC = 0.5 V
0.7
1
1.3
µA
Source current of SS2
VSS2 = 0.5 V
0.7
1
1.3
µA
Source current of SS3
VSS3 = 0.5 V
0.7
1
1.3
µA
ISS
Source current of SS5
VSS5 = 0.5 V
0.7
1
1.3
µA
Source current of SS6
VSS6 = 0.5 V
0.7
1
1.3
µA
Source current of SSLDO5
VSSLDO5 = 0.5 V
0.35
0.65
µA
VSS3OK
SS3OK threshold voltage
1.2
1.6
2
V
LOGIC INPUT/OUTPUT
VOH(2)
High-level logic output voltage
2.5
ILDO1 = 0 mA, IDOUT = –0.5 mA
V
VOL(2)
Low-level logic output voltage
0.4
START-UP CIRCUIT
VWU
Wake-up voltage
Monitoring VCC8
1.6
V
CH-1
Vout1 = 0000(bin), TA = –10 ~ 65°C
2.744
2.8
2.856
V
Vout1 = 0001(bin), TA = –10 ~ 65°C
2.695
2.75
2.805
V
Vout1 = 0010(bin), TA = –10 ~ 65°C
2.646
2.7
2.754
V
Vout1 = 0001(bin), TA = –10 ~ 65°C
2.597
2.65
2.703
V
Vout1 = 0100(bin), TA = –10 ~ 65°C
2.548
2.6
2.652
V
Vout1 = 0101(bin), TA = –10 ~ 65°C
2.499
2.55
2.601
V
Vout1 = 0110(bin), TA = –10 ~ 65°C
2.450
2.5
2.550
V
Vout1 = 0111(bin), TA = –10 ~ 65°C
3.138
3.2
3.264
V
VCH1
Error amp center voltage
Vout1 = 1000(bin), TA = –10 ~ 65°C
3.087
3.15
3.213
V
Vout1 = 1001(bin), TA = –10 ~ 65°C
3.038
3.1
3.162
V
Vout1 = 1010(bin), TA = –10 ~ 65°C
2.989
3.05
3.111
V
Vout1 = 1011(bin), TA = –10 ~ 65°C
2.940
3
3.060
V
Vout1 = 1100(bin), TA = –10 ~ 65°C
2.891
2.95
3.009
V
Vout1 = 1101(bin), TA = –10 ~ 65°C
2.842
2.9
2.958
V
Vout1 = 1110(bin), TA = –10 ~ 65°C
2.793
2.85
2.907
V
Vout1 = 1111(bin), TA = –10 ~ 65°C
2.769
2.825
2.88
V
gm1
gm value of error amp
0.8
1
1.2
mS
VOCH1(3)
Output voltage
On EVM, TA = –10 ~ 65°C
2.744
2.8
2.856
V
∆Vli11(3)
Line regulation (CROSS state)
On EVM
–28
28
mV
∆Vli12(3)
Line regulation (DOWN state)
On EVM
–28
28
mV
∆Vlo11(3)
Load regulation (CROSS state)
On EVM
–28
28
mV
∆Vlo12(3)
Load regulation (DOWN state)
On EVM
–28
28
mV
IOUT1(3)
Minimum Load current
On EVM, VCC1=1.8 V
400
mA
VSCP1
SCP detector threshold
Ratio to VCH1
75%
80%
85%
Vmod11
Mode selector threshold, rising edge
Ratio to VCH1
130%
135%
137%
Vmod12
Mode selector threshold, falling edge
Ratio to VCH1
120%
125%
127%
(2)
Logic output pin is DOUT.
(3)
Not production tested. Assured by design. Using reference EVM.
4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT1403BSIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
LQ4FN31Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
BD9730KV5-Channel Switching Regulator Controller for Digital Still Camera 1 2 3 4 5 MoreRohm
LQ6AN102Color TFT-LCD Module for AV/Car Navigation LCD TV/Digital still camera/LCD camcorder 1 Sharp Electrionic Components
BU2385KNClock generator for digital still camera 1 2 3 4 5 Rohm
ALP127ALXlow power consumption 1.5 inch low temperature poly-silicon TFT-LCD module is suitable for view finder of digital still camera. 1 2 3 4 5 MoreSanyo Semicon Device
BH6412KNMonaural Audio Interface LSI for Digital still camera 1 2 3 4 5 MoreRohm
MAX1565Small High-Efficiency Five-Channel Digital Still Camera Power Supply 1 2 3 4 5 MoreMaxim Integrated Products
AAT1401FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MN103S5405YDChip-set for Digital Still Camera 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl