Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9218ECM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9218ECM
Description  27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9218ECM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9218ECM Datasheet HTML 1Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 2Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 3Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 4Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 5Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 6Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 7Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 8Page - Maxim Integrated Products MAX9218ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
27-Bit, 3MHz-to-35MHz
DC-Balanced LVDS Deserializer
_______________________________________________________________________________________
5
WORST-CASE PATTERN
SUPPLY CURRENT vs. FREQUENCY
FREQUENCY (MHz)
31
27
7
11
15
19
23
10
20
30
40
50
60
70
80
0
335
OUTPUT TRANSITION TIME
vs. OUTPUT SUPPLY VOLTAGE (VCCO)
OUTPUT SUPPLY VOLTAGE (V)
3.0
2.7
2.4
2.1
1
2
3
4
5
6
7
0
1.8
3.3
RNG1 = RNG0 = HIGH
tR
tF
OUTPUT TRANSITION TIME
vs. OUTPUT SUPPLY VOLTAGE (VCCO)
OUTPUT SUPPLY VOLTAGE (V)
3.0
2.7
2.4
2.1
1
2
3
4
5
6
7
0
1.8
3.3
RNG1 = RNG0 = BOTH NOT HIGH
tR
tF
BIT-ERROR RATE
vs. CABLE LENGTH
CAT5e CABLE LENGTH (m)
16
12
8
4
10-11
10-12
10-13
10-14
10-10
020
35MHz CLOCK
700Mbps DATA RATE
FOR <12m, BER < 10-12
CAT5e
Typical Operating Characteristics
(VCC_ = +3.3V, CL = 8pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9218ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9218EVKIT++ MAXIM-MAX9218EVKIT+ Datasheet
1Mb / 12P
   Fully Assembled and Tested
Rev 0; 9/09
More results

Similar Description - MAX9218ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com