Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1534ETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1534ETE
Description  High-Efficiency, Triple-Output, Keep-Alive Power Supply for Notebook Computers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1534ETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1534ETE Datasheet HTML 1Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 2Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 3Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 4Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 5Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1534ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Efficiency, Triple-Output, Keep-Alive
Power Supply for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ILIM, PRESET, SHDN to GND...........................-0.3V to +25V
FB1, FB2, FB3, LDOIN, BP to GND..........................-0.3V to +6V
OUT1, OUT2, POK to GND ...................-0.3V to (VLDOIN + 0.3V)
LX to GND.......................................................-2V to (VIN + 0.3V)
OUT1, OUT2 Short Circuit to GND.............................Continuous
Peak IN Current........................................................................2A
Maximum IN DC Current...................................................500mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Thin QFN (derate 16.9mW/°C
above +70°C)............................................................1349mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, ILIM = GND, PRESET = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
4.5
24
V
Input Supply Current
IIN
No load, FB3 = 5.2V, LDOIN = GND
15
30
µA
Input Supply Current in
Dropout
IIN(DROP)
No load, FB3 = VIN = 4.5V, LDOIN = GND
60
110
µA
Shutdown Supply Current
SHDN = GND
3.5
7
µA
VIN rising
3.6
4.0
4.4
Input UVLO Threshold
VUVLO
VIN falling
3.5
3.9
4.3
V
BUCK REGULATOR
TA = +25°C to +85°C
4.92
5.00
5.08
FB3 Voltage Accuracy (Preset
Mode) (Note 1)
PRESET = GND
TA = 0°C to +85°C
4.90
5.00
5.10
V
TA = +25°C to +85°C
0.985
1.00
1.015
FB3 Set Voltage (Adjustable
Mode) (Note 1)
VFB3
PRESET = IN
TA = 0°C to +85°C
0.98
1.00
1.02
V
FB3 Bias Current
IFB3
VFB3 = 5.5V
3.5
6.25
µA
LX Switch Minimum Off-Time
tOFF(MIN)
0.22
0.42
0.62
µs
LX Switch Minimum On-Time
tON(MIN)
0.50
µs
LX Switch Maximum On-Time
tON(MAX)
910
11
µs
VIN = 6V
0.5
1.0
LX Switch On-Resistance
RLX
VIN = 4.5V
0.6
1.2
ILIM = IN
800
1000
1200
LX Current Limit
ILX(PEAK)
ILIM = GND
425
500
575
mA
LX Zero-Crossing Threshold
-75
+75
mV
LX Zero-Crossing Timeout
LX does not rise above threshold
30
µs
TA = +25°C1
LX Switch Leakage Current
VIN = 24V, not
switching
TA = 0°C to +85°C10
µA
Dropout Voltage
VOUT3(DROPOUT) ILX(DC) = 500mA
250
mV
Line Regulation
VIN = 8V to 24V, ILX(DC) = 200mA
0.1
%/V
Load Regulation
ILX(DC) = 80mA to 400mA
0.9
%
LINEAR REGULATORS
LDOIN Input Voltage
VLDOIN
2.5
5.5
V
LDOIN Undervoltage Lockout
VUVLO(LDO)
VLDOIN rising, hysteresis = 40mV typ
2.15
2.4
V


Similar Part No. - MAX1534ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX1530 MAXIM-MAX1530 Datasheet
307Kb / 13P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 11/04
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
More results

Similar Description - MAX1534ETE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com