Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST22L032 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST22L032
Description  Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22L032 Datasheet(HTML) 3 Page - STMicroelectronics

  ST22L032 Datasheet HTML 1Page - STMicroelectronics ST22L032 Datasheet HTML 2Page - STMicroelectronics ST22L032 Datasheet HTML 3Page - STMicroelectronics ST22L032 Datasheet HTML 4Page - STMicroelectronics ST22L032 Datasheet HTML 5Page - STMicroelectronics ST22L032 Datasheet HTML 6Page - STMicroelectronics ST22L032 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ST22L032, L064, L096, L128
DESCRIPTION
The ST22Lxxx is a member of the SmartJ™ plat-
form using a 32-bit Reduced Instruction Set Com-
puter (RISC) core to execute both Native RISC
instructions and JavaCard™ 2.x Technology in-
struction (byte codes) directly(See Figure 2.
"SmartJ™ Platform EEPROM Architecture", on
page 3).
Direct JavaCard™ byte code execution provides
high performance advantage over processors that
emulate the JavaCard™ byte code instruction set.
The product features a 24-bit wide linear address-
ing capability and includes User ROM, User RAM,
and User EEPROM.
Memory and Peripheral accesses are controlled
by a Memory Protection Unit that allows to imple-
ment firewalls between applications.
Memories are accessed via two different buses,
allowing simultaneous accesses to code and data.
Memory load and stores can be performed at byte,
short (2-bytes), or word (4-bytes) granularity, with
optional pointer auto increment.
The ST22 core includes dedicated instructions to
accelerate performances of the following algoriths:
DES and Triple DES
Modular Arithmetic on big numbers,
Characteristic two field arithmetic to support
efficiently Elliptic Curves,
CRC 16-bit ISO 3309.
The product has clock and power management, 2
User configurable Timers, a Central Interrupt Con-
troller and a Random Number Generator.
Figure 2. SmartJ™ Platform EEPROM Architecture
POWER MANAGEMENT
32-bit
RISC
CORE
CLOCK MANAGEMENT
MPU
RAM
BUS 2
BUS 1
PERIPHERALS
ISO
7816
ROM
EEPROM


Similar Part No. - ST22L032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST22 ETC-ST22 Datasheet
155Kb / 1P
   DO-35 Case
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - ST22L032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST22N256 STMICROELECTRONICS-ST22N256 Datasheet
95Kb / 8P
   Smartcard 32-Bit RISC MCU with 256 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
ST22N144 STMICROELECTRONICS-ST22N144 Datasheet
90Kb / 7P
   Smartcard 32-Bit RISC MCU with 144 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
ST22FJ1M STMICROELECTRONICS-ST22FJ1M Datasheet
100Kb / 8P
   Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
   Smartcard MCU With 32 KBytes EEPROM
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
   Smartcard MCU With 64 KBytes EEPROM
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
   Smartcard MCU With 8 Kbytes EEPROM
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
   Smartcard MCU With 2 Kbytes EEPROM
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
   Smartcard MCU With 4 Kbytes EEPROM
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
   Smartcard MCU With 8 Kbytes EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com