Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6322N Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6322N
Description  3 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6322N Datasheet(HTML) 1 Page - Texas Instruments

  PT6322N Datasheet HTML 1Page - Texas Instruments PT6322N Datasheet HTML 2Page - Texas Instruments PT6322N Datasheet HTML 3Page - Texas Instruments PT6322N Datasheet HTML 4Page - Texas Instruments PT6322N Datasheet HTML 5Page - Texas Instruments PT6322N Datasheet HTML 6Page - Texas Instruments PT6322N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555
(800) 531-5782
Fax: (630) 393-6902 http://www.ti.com/powertrends
8
3 AMP ADJUSTABLE LOW VOLTAGE INPUT
INTEGRATED SWITCHING REGULATORS
PT6320
Series
Standard Application
C1 = Optional 1µF ceramic
C2 = Required 100µF electrolytic
Q1 =NFET
Ordering Information
PT6322! = +5 Volts
PT6323! = +3.3 Volts
Pin-Out Information
Pin
Function
1
Inhibit
(30V max)
2Vin
3Vin
4Vin
5
GND
6
GND
7
GND
8
GND
9Vout
10
Vout
11
Vout
12
Vout Adj
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Specifications
Characteristics
PT6320 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1*
3.0
A
Short Circuit Current
Isc
Vin = Vo + 5V
5.0
Apk
Input Voltage Range
Vin
0.1
≤ Io ≤ 3.0 A
Vo = 3.3V
7
26
V
(Note: inhibit function cannot be used above 30V.)
Vo = 5V
7
30/38**
V
Output Voltage Tolerance
∆Vo
Over Vin Range, Io = 3.0 A
±1.0
±2.0
%Vo
Ta = 0°C to +60°C
Line Regulation
Regline
Over Vin range
±0.25
±0.5
%Vo
Load Regulation
Regload
0.1
≤ Io ≤ 3.0 A
±0.25
±0.5
%Vo
Vo Ripple/Noise
Vn
Vin = Vin min, Io = 3.0A
±2
%Vo
Transient Response
ttr
50% load change
100
200
µSec
with Co = 100µF
Vos
Vo over/undershoot
5.0
%Vo
Efficiency
η
Vin=9V, Io = 0.5 A, Vo = 3.3V
84
%
Vin=9V, Io = 0.5 A, Vo = 5V
89
%
Switching Frequency
ƒo
Over Vin and Io ranges
400
500
600
kHz
Shutdown Current
Isc
Vin = 15V
100
µA
Quiescent Current
Inl
Io = 0A, Vin =10V
10
mA
Output Voltage
Vo
Below Vo
See Application Notes.
Adjustment Range
Above Vo
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommendated Operating
Ta
Free Air Convection, (40-60LFM)
-40
+80***
°C
Temperature Range
At Vin = 24V, Io = 2.5A
Thermal Resistance
θ
ja
Free Air Convection (40-60LFM)
30
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3, 1 msec,
500
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz,Soldered in a PC board
—10
G’s
Weight
6.5
grams
*
ISR will operate to no load with reduced specifications.
** Input voltage cannot exceed 30V when the inhibit function is used.
*** See Thermal Derating chart.
Note: The PT6320 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
Pkg Style 200
PT6320
2,3,4
5,6,7,8
9,10,11
12
V
IN
GND
GND
V
OUT
C2
+
1
V
OADJ
INH
Q1
C1
Low Voltage Input (7V)
90% Efficiency
Adjustable Output Voltage
Internal Short Circuit Protection
Over-Temperature Protection
On/Off Control (Ground Off)
The PT6320 series is a low volt-
age input (typically 7V) version of
Power Trends’ high-performance
3A, 12 pin SIP Integrated Switching
Regulators (ISRs). These ISRs are de-
signed with premium low threshold FETs
for those applications requiring very low
input/output voltage differentials such as
battery powered equipment. This high-
performance ISR family offers a unique
combination of features combining 90%
typical efficiency with open-collector on/
off control and adjustable output voltage.
Quiescent current in the shutdown mode
is less than 100µA.
PT6320
SLTS065
(Revised 6/4/98)


Similar Part No. - PT6322N

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6321 PTC-PT6321 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321-LQ PTC-PT6321-LQ Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
   VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
More results

Similar Description - PT6322N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6314 TI-PT6314 Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com