Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2320
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2320 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA2320 Datasheet HTML 7Page - Texas Instruments PGA2320 Datasheet HTML 8Page - Texas Instruments PGA2320 Datasheet HTML 9Page - Texas Instruments PGA2320 Datasheet HTML 10Page - Texas Instruments PGA2320 Datasheet HTML 11Page - Texas Instruments PGA2320 Datasheet HTML 12Page - Texas Instruments PGA2320 Datasheet HTML 13Page - Texas Instruments PGA2320 Datasheet HTML 14Page - Texas Instruments PGA2320 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
11
MUTE FUNCTION
The PGA2320 includes a mute function. This function may
be activated by either the MUTE input (pin 8), or by setting
the gain byte value for one or both channels to 00HEX. The
MUTE pin may be used to mute both channels, while the
gain setting may be used to selectively mute the left and
right channels. Muting is accomplished by switching the
input multiplexer to analog ground (AGNDR or AGNDL)
with zero crossing enabled.
The MUTE pin is active low. When MUTE is low, each
channel will be muted following the next zero crossing
event or timeout that occurs on that channel. If MUTE
becomes active while CS is also active, the mute will take
effect once the CS pin goes high. When the MUTE pin is
high, the PGA2320 operates normally, with the mute
function disabled.
APPLICATIONS INFORMATION
This section includes additional information that is
pertinent to designing the PGA2320 into an end
application.
RECOMMENDED CONNECTION DIAGRAM
Figure 5 depicts the recommended connections for the
PGA2320. Power-supply bypass capacitors should be
placed as close to the PGA2320 package as physically
possible.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Controller
C
2
C
3
C
4
C
5
C
6
C
1
+5V Digital
SDO
DGND
AGND
MUTE
SCLK
+15V Analog
15V Analog
V
INL
V
OUTL
V
OUTR
V
INR
SDI
CS
ZCEN
C
2,C3,C5 =0.1µF ceramic or metal film.
C
1,C4,C6 =10µF tantalum or aluminum electrolytic.
PGA2320
To
Additional
PGA2320s
Figure 5. Recommended Connection Diagram


Similar Part No. - PGA2320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDW BURR-BROWN-PGA2320IDW Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWG4 BURR-BROWN-PGA2320IDWG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWR BURR-BROWN-PGA2320IDWR Datasheet
208Kb / 15P
   Stereo Audio Volume Control
PGA2320IDWRG4 BURR-BROWN-PGA2320IDWRG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results

Similar Description - PGA2320

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com