Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2717M Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2717M
Description  SINGLE SUPPLY HI-SLEW RATE DUAL OPERATIONAL AMPLIFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2717M Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2717M Datasheet HTML 2Page - New Japan Radio NJM2717M Datasheet HTML 3Page - New Japan Radio NJM2717M Datasheet HTML 4Page - New Japan Radio NJM2717M Datasheet HTML 5Page - New Japan Radio NJM2717M Datasheet HTML 6Page - New Japan Radio NJM2717M Datasheet HTML 7Page - New Japan Radio NJM2717M Datasheet HTML 8Page - New Japan Radio NJM2717M Datasheet HTML 9Page - New Japan Radio NJM2717M Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2717
-7-
Ver.2005-01-26
■ Typical Characteristics
Maximum Output Voltage
vs. Supply Voltage
(Ambient Temperature)
-8
-6
-4
-2
0
2
4
6
8
02
468
Supply Voltage V
+/V- [V]
GV=OPEN,RL=4kΩ
Ta=- 50oC
Ta=- 40
oC
Ta=+ 25
oC
Ta=+ 85oC
Ta=+125
oC
Maximum Output Voltage
vs. Ambient Temperature
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V+/V-=±2.5V
V+/V-=±1.35V
V
+/V-=±6.0V
GV=OPEN,RL=4KΩ
Maximum Output Voltage
vs. Load Resistance
(Ambient Temperature)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1.0
10.0
100.0
Load Resistance [kΩ]
V
+/V-=±1.35V, G
V=OPEN
Ta=-40oC
Ta=+25oC
Ta=+85
oC
+VOM
-VOM
Maximum Output Voltage
vs. Load Resistance
(Ambient Temperautre)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1.0
10.0
100.0
Load Resistance [kΩ]
V
+/V-=±2.5V, G
V=OPEN
Ta=-40oC
Ta=+25
oC
Ta=+85oC
+VOM
-VOM
Maximum Output vltage
vs. Load Resistance
(Ambient Temperature)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.1
1.0
10.0
100.0
Load Resistance [kΩ]
V+/V-=±6.0V, GV=OPEN
Ta=-40oC
Ta=+25
oC
Ta=+85oC
+VOM
-VOM
Maximum Output Voltage
vs. Load Resistance
(Supply Voltage)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.1
1.0
10.0
100.0
Load Resistance [kΩ]
V
+/V-,G
V=OPEN,Ta=+25
oC
+VOM
-VOM
V
+/V-=±1.35V
V+/V-=±2.5V
V
+/V-=±6.0V


Similar Part No. - NJM2717M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710M NJRC-NJM2710M Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710V NJRC-NJM2710V Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711F NJRC-NJM2711F Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - NJM2717M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2716 NJRC-NJM2716 Datasheet
144Kb / 5P
   SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com