Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-402-T3 Datasheet(PDF) 1 Page - RF Micro Devices

Part # NBB-402-T3
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-402-T3 Datasheet(HTML) 1 Page - RF Micro Devices

  NBB-402-T3 Datasheet HTML 1Page - RF Micro Devices NBB-402-T3 Datasheet HTML 2Page - RF Micro Devices NBB-402-T3 Datasheet HTML 3Page - RF Micro Devices NBB-402-T3 Datasheet HTML 4Page - RF Micro Devices NBB-402-T3 Datasheet HTML 5Page - RF Micro Devices NBB-402-T3 Datasheet HTML 6Page - RF Micro Devices NBB-402-T3 Datasheet HTML 7Page - RF Micro Devices NBB-402-T3 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-41
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
Pin 1
Indicator
RF OUT
Ground
RF IN
Ground
1
9
6
5
7
8
4
3
2
NBB-402
CASCADABLE BROADBAND
GaAs MMIC AMPLIFIER DC TO 8GHz
• Narrow and Broadband Commercial and
Military Radio Designs
• Linear and Saturated Amplifiers
• Gain Stage or Driver Amplifiers for
MWRadio/Optical Designs (PTP/PMP/
LMDS/UNII/VSAT/WLAN/Cellular/DWDM)
The NBB-402 cascadable broadband InGaP/GaAs MMIC
amplifier is a low-cost, high-performance solution for gen-
eral purpose RF and microwave amplification needs. This
50
Ω gain block is based on a reliable HBT proprietary
MMIC design, providing unsurpassed performance for
small-signal applications. Designed with an external bias
resistor, the NBB-402 provides flexibility and stability. The
NBB-402 is packaged in a low-cost, surface-mount
ceramic package, providing ease of assembly for high-
volume tape-and-reel requirements.
• Reliable, Low-Cost HBT Design
• 15.0dB Gain, +15.8dBm P1dB@2GHz
• High P1dB of +15.4dBm@6.0GHz
• Single Power Supply Operation
•50
Ω I/O Matched for High Freq. Use
NBB-402
Cascadable Broadband GaAs MMIC Amplifier DC to
8GHz
NBB-402-T1 or -T3Tape & Reel, 1000 or 3000 Pieces (respectively)
NBB-402-E
Fully Assembled Evaluation Board
NBB-X-K1
Extended Frequency InGaP Amp Designer’s Tool Kit
0
Rev A4 031110
Notes:
1. Solder pads are coplanar to within ±0.025 mm.
2. Lid will be centered relative to frontside metallization with a tolerance of ±0.13 mm.
3. Mark to include two characters and dot to reference pin 1.
N4
2.39 min
2.59 max
Lid ID
1.70 min
1.91 max
2.94 min
3.28 max
Pin 1
Indicator
1.00 min
1.50 max
0.025 min
0.125 max
0.38 nom
Pin 1
Indicator
RF OUT
0.98 min
1.02 max
Ground
0.50 nom
0.50 nom
All Dimensions in Millimeters
0.37 min
0.63 max
RF IN
Ground
Package Style: MPGA, Bowtie, 3x3, Ceramic


Similar Part No. - NBB-402-T3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402-T1 RFMD-NBB-402-T1 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB-402-T1 QORVO-NBB-402-T1 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results

Similar Description - NBB-402-T3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
RF Micro Devices
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com