Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7570-01 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM7570-01
Description  Multi-Function ADPCM CODEC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7570-01 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM7570-01 Datasheet HTML 6Page - OKI electronic componets MSM7570-01 Datasheet HTML 7Page - OKI electronic componets MSM7570-01 Datasheet HTML 8Page - OKI electronic componets MSM7570-01 Datasheet HTML 9Page - OKI electronic componets MSM7570-01 Datasheet HTML 10Page - OKI electronic componets MSM7570-01 Datasheet HTML 11Page - OKI electronic componets MSM7570-01 Datasheet HTML 12Page - OKI electronic componets MSM7570-01 Datasheet HTML 13Page - OKI electronic componets MSM7570-01 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
¡ Semiconductor
MSM7570-01
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Analog Input Voltage
Digital Input Voltage
Storage Temperature
Symbol
VDD
VAIN
VDIN
TSTG
Condition
Rating
–0.3 to +7
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–55 to +150
Unit
V
V
V
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
Voltage must be fixed
4.5
5.5
V
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLK, IR, PDN/RESET,
DEN, EXCK, DIN
Digital Input High Voltage
VIH
—VDD
V
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLK, IR, PDN/RESET,
DEN, EXCK, DIN
Digital Input Low Voltage
VIL
0—
V
Master Clock Frequency
fMCK1
MCK (CR0–B6 = "0")
–0.01%
12.288
+0.01%
MHz
Bit Clock Frequency
fBCK
BCLK
64
2048
kHz
Synchronous Signal Frequency
fSYMC
XSYNC, RSYNC
8.0
kHz
Clock Duty Ratio
DC
MCK, BCLK, EXCK
30
50
70
%
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLK, IR, PDN/RESET,
DEN, EXCK, DIN
Digital Input Rise Time
tIr
——50
ns
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLK, IR, PDN/RESET,
DEN, EXCK, DIN
Digital Input Fall Time
tIf
——50
ns
Transmit Sync Signal Setting Time
tXS
BCLK to XSYNC
100
ns
tSX
XSYNC to BCLK
100
ns
Receive Sync Signal Setting Time
tRS
BCLK to RSYNC
100
ns
tSR
RSYNC to BCLK
100
ns
Synchronous Signal Width
tWS
XSYNC, RSYNC
1 BCLK
100
m
s
Bypass Capacitors for SG
CSG
10 + 0.1
m
F
Digital Output Load
RDL
IS (Pull-up Resistor)
500
W
CDL
100
pF
IS, PCMSO, PCMRO, VOXO, DOUT
Operating Temperature
Ta
–25
+25
+70
°C
PCM, ADPCM Set-up Time
tDS
100
ns
PCM, ADPCM Hold Time
tDH
100
ns
SG to AG
fMCK2
MCK (CR0–B6 = "1")
–0.01%
19.200
+0.01%
MHz
2.2
0.6


Similar Part No. - MSM7570-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
   5V Sinlge-Rail ADPCM CODECs
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
More results

Similar Description - MSM7570-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
   Multi-Function ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
   Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
   Multi-Function PCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
   Multifunction ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com