Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-1MX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5110-1MX
Description  Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5110-1MX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5110-1MX Datasheet HTML 5Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 6Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 7Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 8Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 9Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 10Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 11Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 12Page - National Semiconductor (TI) LM5110-1MX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Thermal Performance (Continued)
The schematic above shows a conceptual diagram of the
LM5110 output and MOSFET load. Q1 and Q2 are the
switches within the gate driver. R
G is the gate resistance of
the external MOSFET, and C
IN is the equivalent gate capaci-
tance of the MOSFET. The gate resistance Rg is usually very
small and losses in it can be neglected. The equivalent gate
capacitance is a difficult parameter to measure since it is the
combination of C
GS (gate to source capacitance) and CGD
(gate to drain capacitance). Both of these MOSFET capaci-
tances are not constants and vary with the gate and drain
voltage. The better way of quantifying gate capacitance is
the total gate charge Q
G in coloumbs. QG combines the
charge required by C
GS and CGD for a given gate drive
voltage V
GATE.
Assuming negligible gate resistance, the total power dissi-
pated in the MOSFET driver due to gate charge is approxi-
mated by
P
DRIVER =VGATE xQG xFSW
Where
F
SW = switching frequency of the MOSFET.
As an example, consider the MOSFET MTD6N15 whose
gate charge specified as 30 nC for V
GATE = 12V.
The power dissipation in the driver due to charging and
discharging of MOSFET gate capacitances at switching fre-
quency of 300 kHz and V
GATE of 12V is equal to
P
DRIVER = 12V x 30 nC x 300 kHz = 0.108W.
If both channels of the LM5110 are operating at equal fre-
quency with equivalent loads, the total losses will be twice as
this value which is 0.216W.
In addition to the above gate charge power dissipation, -
transient power is dissipated in the driver during output
transitions. When either output of the LM5110 changes state,
current will flow from V
CC to VEE for a very brief interval of
time through the output totem-pole N and P channel
MOSFETs. The final component of power dissipation in the
driver is the power associated with the quiescent bias cur-
rent consumed by the driver input stage and Under-voltage
lockout sections.
Characterization of the LM5110 provides accurate estimates
of the transient and quiescent power dissipation compo-
nents. At 300 kHz switching frequency and 30 nC load used
in the example, the transient power will be 8 mW. The 1 mA
nominal quiescent current and 12V V
GATE supply produce a
12 mW typical quiescent power.
Therefore the total power dissipation
P
D = 0.216 + 0.008 + 0.012 = 0.236W.
We know that the junction temperature is given by
T
J =PD x
θ
JA +TA
Or the rise in temperature is given by
T
RISE =TJ −TA =PD x
θ
JA
For SOIC-8 package
θ
JA is estimated as 170˚C/W for the
conditions of natural convection.
Therefore T
RISE is equal to
T
RISE = 0.236 x 170 = 40.1˚C
For LLP-10 package, the integrated circuit die is attached to
leadframe die pad which is soldered directly to the printed
circuit board. This substantially decreases the junction to
ambient thermal resistance (
θ
JA).
θ
JA as low as 40˚C/W is
achievable with the LLP10 package. The resulting T
RISE for
the dual driver example above is thereby reduced to just 9.5
degrees.
CONTINUOUS CURRENT RATING OF LM5110
The LM5110 can deliver pulsed source/sink currents of 3A
and 5A to capacitive loads. In applications requiring continu-
ous load current (resistive or inductive loads), package
power dissipation, limits the LM5110 current capability far
below the 5A sink/3A source capability. Rated continuous
current can be estimated both when sourcing current to or
sinking current from the load. For example when sinking, the
maximum sink current can be calculated as
where R
DS(on) is the on resistance of lower MOSFET in the
output stage of LM5110.
Consider T
J(max) of 125˚C and
θ
JA of 170˚C/W for an SO-8
package under the condition of natural convection and no air
flow. If the ambient temperature (T
A) is 60˚C, and the RD-
20079207
FIGURE 2.
www.national.com
10


Similar Part No. - LM5110-1MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110-1MX TI-LM5110-1MX Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1MX/NOPB TI-LM5110-1MX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-1MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com