Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5026MT Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5026MT
Description  Active Clamp Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5026MT Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5026MT Datasheet HTML 1Page - National Semiconductor (TI) LM5026MT Datasheet HTML 2Page - National Semiconductor (TI) LM5026MT Datasheet HTML 3Page - National Semiconductor (TI) LM5026MT Datasheet HTML 4Page - National Semiconductor (TI) LM5026MT Datasheet HTML 5Page - National Semiconductor (TI) LM5026MT Datasheet HTML 6Page - National Semiconductor (TI) LM5026MT Datasheet HTML 7Page - National Semiconductor (TI) LM5026MT Datasheet HTML 8Page - National Semiconductor (TI) LM5026MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN to GND
-0.3V to 105V
V
CC to GND
-0.3V to 16V
CS to GND
-0.3 to 1.0V
COMP Input Current
10mA
All other inputs to GND
-0.3 to 7V
ESD Rating (Note 2)
Human Body Model
2kV
Storage Temperature Range
-65˚C to 150˚C
Junction Temperature
150˚C
Operating Ratings (Note 1)
V
IN Voltage
13 to 100V
External Voltage Applied to V
CC
8V to 15V
Operating Junction Temperature
-40˚C to +125˚C
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those with boldface type apply over full Operating Junction
Temperature range.V
IN = 48V, VCC = 10V, RT = 30.0k
Ω,R
SET = 34.8k
Ω) unless otherwise stated (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
V
CC Reg
V
CC Regulation
No Load
7.3
7.6
7.9
V
V
CC Current Limit
(Note 4)
20
25
mA
I-V
IN
Startup Regulator
Leakage (external
Vcc Supply)
V
IN = 100V
165
500
µA
Shutdown Current
(Iin)
UVLO = 0V
350
450
µA
V
CC Supply
V
CC Under-voltage
Lockout Voltage
(positive going V
cc)
V
CC Reg -
220mV
V
CC Reg -
120mV
V
V
CC Under-voltage
Hysteresis
1.0
1.5
2.0
V
V
CC Supply Current
(I
CC)
C
gate = 0, UVLO = 1.3V
4.2
mA
Reference Supply
V
REF
Ref Voltage
I
REF =0mA
4.85
5
5.15
V
Ref Voltage
Regulation
I
REF = 0 to 10mA
25
50
mV
Ref Current Limit
10
20
mA
UVLO Shutdown/Standby
Undervoltage
Shutdown Threshold
0.3
0.4
0.5
V
Undervoltage
Shutdown Hysteresis
0.1
V
Undervoltage
Standby Threshold
1.21
1.25
1.29
V
Undervoltage
Standby Hysteresis
Current Source
16
20
24
µA
Current Limit
Cycle by Cycle
Threshold Voltage
0.45
0.5
0.55
V
ILIM Delay to Output
CS step from 0 to 0.6V Time
to onset of OUT transition
(90%) Cgate=0
40
ns
Leading Edge
Blanking Time
70
100
130
ns
www.national.com
5


Similar Part No. - LM5026MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026MT NSC-LM5026MT Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026MT TI1-LM5026MT Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
LM5026MT/NOPB TI1-LM5026MT/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
logo
National Semiconductor ...
LM5026MTX NSC-LM5026MTX Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026MTX TI1-LM5026MTX Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Similar Description - LM5026MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com