Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5026 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5026
Description  Active Clamp Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5026 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5026 Datasheet HTML 1Page - National Semiconductor (TI) LM5026 Datasheet HTML 2Page - National Semiconductor (TI) LM5026 Datasheet HTML 3Page - National Semiconductor (TI) LM5026 Datasheet HTML 4Page - National Semiconductor (TI) LM5026 Datasheet HTML 5Page - National Semiconductor (TI) LM5026 Datasheet HTML 6Page - National Semiconductor (TI) LM5026 Datasheet HTML 7Page - National Semiconductor (TI) LM5026 Datasheet HTML 8Page - National Semiconductor (TI) LM5026 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions (Continued)
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
8
OUT_A
Main Output Driver
Output of the main switch PWM gate driver. Capable of 3A peak sink
current.
9
OUT_B
Active Clamp Output Driver
Output of the active clamp switch gate driver. Capable of 0.5A peak
source and sink current.
10
PGND
Power Ground
Connect directly to Analog Ground
11
AGND
Analog Return
Connect directly to Power Ground.
12
SS
Soft-start
An external capacitor and an internal 50 µA current source set the
soft-start ramp. The SS current source is reduced to 1 µA following a
restart event. The soft-stop discharge current is 50 µA.
13
COMP
Input to the Pulse Width
Modulator
The external opto-coupler connected to the COMP pin sources current
into an internal NPN current mirror. The PWM duty cycle is maximum
with zero input current, while 1mA reduces the duty cycle to zero. The
current mirror improves the frequency response by reducing the ac
voltage across the opto-coupler detector.
14
RT
Oscillator Frequency
Control
Normally biased at 2V. The total external resistance connected between
RT and AGND sets the internal oscillator frequency.
15
SYNC
Oscillator Synchronization
Input/Output
The internal oscillator can be synchronized to an external clock with an
external pull-down device. Multiple LM5026 devices can be synchronized
together by connection of their SYNC pins.
16
DCL
Maximum Duty Cycle
Control
An external resistor divider connected from RT to AGND sets the
maximum output duty cycle for OUT_A.
-
Exposed
Pad (LLP
Package
Only)
Exposed Pad, underside of
LLP package
Connect to system ground plane for reduced thermal resistance.
www.national.com
3


Similar Part No. - LM5026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
LM5026 TI1-LM5026 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
logo
National Semiconductor ...
LM5026MT NSC-LM5026MT Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026MT TI1-LM5026MT Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Similar Description - LM5026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com