Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5026 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5026
Description  Active Clamp Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5026 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5026 Datasheet HTML 1Page - National Semiconductor (TI) LM5026 Datasheet HTML 2Page - National Semiconductor (TI) LM5026 Datasheet HTML 3Page - National Semiconductor (TI) LM5026 Datasheet HTML 4Page - National Semiconductor (TI) LM5026 Datasheet HTML 5Page - National Semiconductor (TI) LM5026 Datasheet HTML 6Page - National Semiconductor (TI) LM5026 Datasheet HTML 7Page - National Semiconductor (TI) LM5026 Datasheet HTML 8Page - National Semiconductor (TI) LM5026 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Connection Diagram
20147902
16-Lead TSSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5026MT
TSSOP-16
MTC16
92 Units per anti-static tube
LM5026MTX
TSSOP-16
MTC16
2500 Units on Tape and Reel
LM5026SD
LLP-16
SDA16A
Available Soon
LM5026SDX
LLP-16
SDA16A
Available Soon
Pin Descriptions
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
VIN
Input Voltage Source
Input to the Start-up Regulator. Operating input range is 13V to 100V
with transient capability to 105V. For power sources outside of this
range, the LM5026 can be biased directly at VCC by an external
regulator.
2
UVLO
Line Under-Voltage Lockout An external voltage divider from the power source sets the shutdown
and standby comparator levels. When UVLO reaches the 0.4V threshold
the VCC and REF regulators are enabled. At the 1.25V threshold the SS
pin is released and the device enters the active mode.
3
CS
Current Sense input for
current mode control and
current limit
If CS exceeds 0.5V the output pulse will be terminated, entering
cycle-by-cycle current limit. An internal switch holds CS low for 100nS
after OUT_A switches high to blank leading edge transients.
4
RES
Restart Timer
If cycle-by-cycle current limit is reached during any cycle, a 10uA current
is sourced to the RES pin capacitor. If the RES capacitor voltage
reaches 2.5V, the soft-start capacitor will be fully discharged and then
released with a pull-up current of 1uA. After the first output pulse at
OUT_A (when SS =1.4V), the SS pin charging current will revert back to
50 µA.
5
TIME
Gate Drive Overlap or
Deadtime Control
An external resistor (RSET) sets either the overlap time or deadtime for
the active clamp output. An RSET resistor connected between TIME and
AGND produces in-phase OUT_A and OUT_B pulses with overlap. An
RSET resistor connected between TIME and REF produces out-of-phase
OUT_A and OUT_B pulses with deadtime.
6
REF
Output of 5V Reference
Maximum output current is 10mA. Locally decouple with a 0.1µF
capacitor.
7
VCC
Output of the high voltage
start-up regulator. The VCC
voltage is regulated to 7.6
V.
If an auxiliary winding raises the voltage on this pin above the regulation
setpoint, the internal start-up regulator will shutdown, thus reducing the
IC power dissipation.
www.national.com
2


Similar Part No. - LM5026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
LM5026 TI1-LM5026 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
logo
National Semiconductor ...
LM5026MT NSC-LM5026MT Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026MT TI1-LM5026MT Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Similar Description - LM5026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com