Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7507-02MS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7507-02MS-K
Description  Single Rail CODEC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7507-02MS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7507-02MS-K Datasheet HTML 1Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 2Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 3Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 4Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 5Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 6Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 7Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 8Page - OKI electronic componets MSM7507-02MS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
¡ Semiconductor
MSM7507-01/02/03
5/18
PWI, AOUT+, AOUT–
PWI is connected to the inverting input of the receive driver. The receive driver output is
connected to the AOUT– pin. Therefore, the receive level can be adjusted with the pins VFRO,
PWI, and AOUT–. When the PWI pin is not used, connect the PWI pin to the AOUT– pin, and
leave open the pins AOUT– and AOUT+. The output of AOUT+ is inverted with respect to the
output of AOUT–. Since the signal from which provides differential drive of an impedance of 1.2
kW, these outputs can directly be connected to a receiver of handset using a piezoelectric
earphone. Refer to the application example.
R6 > 20 kW
ZL ≥ 1.2 kW
Gain = VO/VI = 2 ¥ R7/R6 £ 2
R6
R7
+
SG
+
SG
VFRO
PWI
AOUT–
AOUT+
Receive Filter
ZL
VO
VI
During power saving and power down modes, the outputs of AOUT+ and AOUT– are in a high
impedance state.
The electrical driving capability of the AOUT– pin and AOUT+ pin is
±1.3 V maximum. The
output load resistor has a minimum value of 0.6 kW.
If an output amplitude less than
±1.3 V is allowed, these outputs can drive a load resistance less
than that described above. For more details, refer to SINGLE POWER SUPPLY PCM CODEC
APPLICATION NOTE.
VDD
Power supply for +5 V.
PCMIN
PCM signal input.
A serial PCM signal input to this pin is converted to an analog signal in synchronization with the
RSYNC signal and BCLK signal.
The data rate of the PCM signal is equal to the frequency of the BCLK signal.
The PCM signal is shifted at a falling edge of the BCLK signal and latched into the internal register
when shifted by eight bits.
The start of the PCM data (MSD) is identified at the rising edge of RSYNC.
BCLK
Shift clock signal input for the PCMIN and PCMOUT signal.
The frequency, equal to the data rate, is 64, 96, 128, 192, 256, 384, 512, 768, 1024, 1536, 1544, 2048,
or 200 kHz. Setting this signal to logic "1" or "0" drives both transmit and receive circuits to the
power saving state.


Similar Part No. - MSM7507-02MS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7508 OKI-MSM7508 Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
More results

Similar Description - MSM7507-02MS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com