Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7540 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7540
Description  Single Rail ADPCM CODEC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7540 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7540 Datasheet HTML 4Page - OKI electronic componets MSM7540 Datasheet HTML 5Page - OKI electronic componets MSM7540 Datasheet HTML 6Page - OKI electronic componets MSM7540 Datasheet HTML 7Page - OKI electronic componets MSM7540 Datasheet HTML 8Page - OKI electronic componets MSM7540 Datasheet HTML 9Page - OKI electronic componets MSM7540 Datasheet HTML 10Page - OKI electronic componets MSM7540 Datasheet HTML 11Page - OKI electronic componets MSM7540 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
MSM7540/7560
¡ Semiconductor
FEDL7540-03
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Analog Input Voltage
Digital Input Voltage
Storage Temperature
Symbol
VDD
VAIN
VDIN
TSTG
Condition
Rating
–0.3 to +7
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–55 to +150
Unit
V
V
V
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
Voltage must be fixed
4.5
5.5
V
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLKA, BCLKB, IR,
LPS, PDN, RES
Input High Voltage
VIH
2.2
VDD
V
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLKA, BCLKB, IR,
LPS, PDN, RES
Input Low Voltage
VIL
0
0.6
V
Master Clock Frequency
fMCK
MCK
–0.01%
10.368
+0.01%
MHz
Bit Clock Freqency
fBCKA
BCLKA
32
2048
kHz
fBCKB
BCLKB
64
2048
kHz
Synchronous Signal Frequency
fSYMC
XSYNC, RSYNC
8.0
kHz
Clock Duty Ratio
DC
MCK, BCLKA, BCLKB
30
50
70
%
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLKA, BCLKB, IR,
LPS, PDN, RES
Digital Input Rise Time
tIr
——50
ns
MCK, XSYNC, RSYNC, PCMRI,
PCMSI, BCLKA, BCLKB, IR,
LPS, PDN, RES
Digital Input Fall Time
tIf
——50
ns
Transmit Sync Signal Setting Time
tXS
BCLKA, BCLKB to XSYNC
100
ns
tXS
XSYNC to BCLKA, BCLKB
100
ns
Receive Sync Signal Setting Time
tRS
BCLKA, BCLKB to RSYNC
100
ns
tSR
RSYNC to BCLKA, BCLKB
100
ns
Synchronous Signal Width
tWS
XSYNC, RSYNC
1 BCLK
100
ms
PCM, ADPCM Set-up Time
tDS
100
ns
PCM, ADPCM Hold Time
tDH
100
ns
Digital Output Load
RDL
IS (Pull-up Resistor)
500
W
CDL
100
pF
IS, PCMSO, PCMRO
Operating Temperature
Ta
–25
+25
+70
°C
Bypass Capacitor for SG
CSG
10 + 0.1
mF
SG´GND


Similar Part No. - MSM7540

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
More results

Similar Description - MSM7540

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com