Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309SC-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2309SC-1
Description  LOW-COST 3.3V ZERO DELAY BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309SC-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2309SC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2309SC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *C
Page 3 of 13
REF. Input to CLKA/CLKB Delay vs. Loading Difference between CLKOUT and CLKA/CLKB Pins
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero Delay
between the input and output. Since the CLKOUT pin is the
internal feedback to the PLL, its relative loading can adjust the
input-output delay. This is shown in the above graph.
For applications requiring zero input-output delay, all outputs,
including CLKOUT, must be equally loaded. Even if CLKOUT
is not used, it must have a capacitive load, equal to that on
other outputs, for obtaining zero input-output delay. If input to
output delay adjustments are required, use the above graph to
calculate loading differences between the CLKOUT pin and
other outputs.
For zero output-output skew, be sure to load all outputs
equally. For further information refer to the application note
entitled “CY2305 and CY2309 as PCI and SDRAM Buffers.”


Similar Part No. - CY2309SC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2309SC-1 CYPRESS-CY2309SC-1 Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2309SC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com