Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853011BMLFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853011BMLFT
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853011BMLFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853011BMLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS853011BMLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
853011BM
www.icst.com/products/hiperclocks.html
REV. C JULY 13, 2005
1
Integrated
Circuit
Systems, Inc.
ICS853011
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS853011 is a low skew, high perfor-
mance 1-to-2 Differential-to-2.5V/3.3V LVPECL/
ECL Fanout Buffer and a member of the
HiPerClockS™ family of High Perfor mance
Clock Solutions from ICS. The ICS853011
is characterized to operate from either a 2.5V or a 3.3V
power supply. Guaranteed output and part-to-par t skew
characteristics make the ICS853011 ideal for those
clock distribution applications demanding well defined
perfor mance and repeatability.
FEATURES
• 2 differential 2.5V/3.3V LVPECL / ECL outputs
• 1 differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >3GHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLK input
• Output skew: 5ps (typical)
• Part-to-part skew: 130ps (maximum)
• Propagation delay: 390ps (maximum)
• Additive phase jitter, RMS: 0.06ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS853011
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
HiPerClockS™
ICS
Vcc
PCLK
nPCLK
VEE
8
7
6
5
Q0
nQ0
Q1
nQ1
PCLK
nPCLK


Similar Part No. - ICS853011BMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011CG ICST-ICS853011CG Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011CGT ICST-ICS853011CGT Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011CM ICST-ICS853011CM Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853011CMLF ICST-ICS853011CMLF Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853011BMLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
   Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
853S011B IDT-853S011B Datasheet
601Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com