Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8310-1Q2 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # AEDR-8310-1Q2
Description  Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AEDR-8310-1Q2 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button AEDR-8310-1Q2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AEDR-8310-1Q2 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Mounting Center
0.72
1.96
1.08
0.94
Note: The shaded areas
are the leads for soldering.
Note: The shaded areas are not
encoder pin-outs. They are
electrically grounded and
physically exposed. PCB layout
with tracks running across
these areas should be avoided.
Recommended Land Pattern for AEDR-8300 Series
Recommended Lead-free Reflow Soldering Temperature Profile
0
50
100
150
200
250
300
TIME (sec.)
60 - 150 sec
125
°C
Cool Down
Heat up
Solder Paste Dry
Solder Reflow
120 sec max
40
°C
10 - 20 sec
255
°C
250
°C
217
°C
Preheat Temperature 40
°C to 125°C = 120 sec max
Temperature maintain above 217
°C = 60-150 sec
Peak Temperature = 255
± 5°C
Time above 250
°C = 10-20 sec
Note:
Due to treatment of high
temperature, AEDR-8300 trans-
parent compound is expected to
turn yellow after IR reflow.


Similar Part No. - AEDR-8310-1Q2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1WX AVAGO-AEDR-8300-1WX Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-83200Q1 AVAGO-AEDR-83200Q1 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8310-1Q2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com