Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8300-1Q2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # AEDR-8300-1Q2
Description  Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AEDR-8300-1Q2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  AEDR-8300-1Q2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AEDR-8300-1Q2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AEDR-8300 Absolute Maximum Ratings
Storage Temperature, TS
-40
°C to 85°C
Operating Temperature, TA
-20
°C to 85°C
Supply Voltage, VCC
-0.5 V to 7 V
Output Voltage, VO
-0.5 V to VCC
Output Current per Channel, IOUT
-1.0 mA to 8 mA
ESD
Human Body Model JESD22-A114-A Class 2
Machine Model JESD22-A115-A Class B
Notes:
1. Exposure to extreme light intensity (such as from flashbulbs or spotlights) may cause permanent
damage to the device.
2.
CAUTION: It is advised that normal static precautions should be taken when handling the
encoder in order to avoid damage and/or degradation induced by ESD.
3. Proper operation of the encoder cannot be guaranteed if the maximum ratings are exceeded.
AEDR-8300 Recommended Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Units
Notes
Temperature
TA
025
85
°C
Supply Voltage
VCC
4.5
5
5.5
V
Ripple< 100mVp-p
LED Current
ILED
13
15
18
mA
See note 1
Load Capacitance
CL
100
pF
2.7 k
Ω Pull-Up
Count Frequency
f
30
kHz
AEDR-83X0-K/P/Q
See Note 2
Count Frequency
f
15
kHz
AEDR-8310-V
Radial Misalignment
ER
±0.38 (±0.015)
mm (in.)
Tangential Misalignment
ET
±0.38 (±0.015)
mm (in.)
Angular Misalignment
EA
0
±1.5
deg.
Codewheel/strip tilt
CT
0
1
deg.
Codewheel/strip Gap
G
1.0 (0.04)
2.0 (0.08)
2.5 (0.10)
mm (in.)
Note:
1. Refer to “LED Current Limiting Resistor” in Page 6.
2. Count frequency = velocity(rpm)xN/60.


Similar Part No. - AEDR-8300-1Q2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1WX AVAGO-AEDR-8300-1WX Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8300-1Q2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com