Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7508 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7508
Description  Single Rail CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7508 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7508 Datasheet HTML 1Page - OKI electronic componets MSM7508 Datasheet HTML 2Page - OKI electronic componets MSM7508 Datasheet HTML 3Page - OKI electronic componets MSM7508 Datasheet HTML 4Page - OKI electronic componets MSM7508 Datasheet HTML 5Page - OKI electronic componets MSM7508 Datasheet HTML 6Page - OKI electronic componets MSM7508 Datasheet HTML 7Page - OKI electronic componets MSM7508 Datasheet HTML 8Page - OKI electronic componets MSM7508 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM7508B/7509B
1/17
¡ Semiconductor
MSM7508B/7509B
Single Rail CODEC
GENERAL DESCRIPTION
The MSM7508B and MSM7509B are single-channel CODEC CMOS ICs for voice signals ranging
from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices are
optimized for telephone terminals in ISDN and digital wireless systems.
The MSM7508B/MSM7509B are the transmission-clocks extended versions of the MSM7508/
MSM7509. It is recommended to use the MSM7508/MSM7509 for the transmission clocks of 64,
128, 256kHz.
FEATURES
• Single power supply: +5 V
±5%
• Low power consumption
Operating mode:
17.5 mW Typ.
37 mW Max.
Power down mode:
1.5 mW Typ.
3 mW Max.
• ITU-T Companding law
MSM7508B:
m-law
MSM7509B:
A-law
• Built-in PLL eliminates a master clock
• Transmission clock:
64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Built-in reference voltage supply
• Package options:
16-pin plastic DIP (DIP16-P-300-2.54-W1)
(Product name : MSM7508BRS)
(Product name : MSM7509BRS)
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product name : MSM7508BGS-K)
(Product name : MSM7509BGS-K)
28-pin plastic QFJ (PLCC) (QFJ28-P-S450-1.27) (Product name : MSM7508BJS)
(Product name : MSM7509BJS)
Note:
The product names are indicated in PIN CONFIGURATION.
E2U0013-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7508

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
   Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
   Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
   Single Rail CODEC
More results

Similar Description - MSM7508

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com