Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS42406 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42406 Datasheet HTML 1Page - Cirrus Logic CS42406 Datasheet HTML 2Page - Cirrus Logic CS42406 Datasheet HTML 3Page - Cirrus Logic CS42406 Datasheet HTML 4Page - Cirrus Logic CS42406 Datasheet HTML 5Page - Cirrus Logic CS42406 Datasheet HTML 6Page - Cirrus Logic CS42406 Datasheet HTML 7Page - Cirrus Logic CS42406 Datasheet HTML 8Page - Cirrus Logic CS42406 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
CS42406
2
DS614PP5
Stand Alone Mode Feature Set
System features
– ADC serial audio port master or slave
operation
– Independent ADC and DAC reset/power-down
– 256x or 384x MCLK/LRCK ratio selectable
D/A features
– Auto-mute on static samples
– 44.1 kHz 50/15
µs de-emphasis available
– Selectable serial audio interface formats
Left justified up to 24-bit data
I²S up to 24-bit data
Right justified, 16-bit data
Right justified, 24-bit data
A/D features
– Serial audio port master or slave operation
– Auto-mode select in slave mode
– High-pass filter
– Selectable serial audio interface formats
Left justified up to 24-bit
I²S up to 24-bit data
Control Port Mode Feature Set
D/A features
– Selectable auto-mute
– Selectable 32, 44.1, and 48 kHz de-emphasis
filters
– Configurable ATAPI mixing functions
– Configurable volume and muting controls
– Selectable serial audio interface formats
Left justified up to 24-bit
I²S up to 24-bit
Right justified 16, 18, 20, and 24-bit
General Description
The CS42406 is a low cost, integrated audio CO-
DEC. The CS42406 performs stereo analog-to-
digital (A/D) conversion and six channels of digital-
to-analog (D/A) conversion of up to 24-bit serial
values at sample rates up to 200 kHz.
The D/A offers a volume control that operates with
a 1 dB step size. It incorporates selectable soft
ramp and zero crossing transition functions to elim-
inate clicks and pops.
The D/A’s integrated digital mixing functions allow
a variety of output configurations ranging from a
channel swap to a stereo-to-mono down-mix.
Standard 50/15
µs de-emphasis is available for
sampling rates of 32, 44.1, and 48 kHz for compat-
ibility with digital audio programs mastered using
the 50/15
µs pre-emphasis technique.
Integrated level translators allow easy interfacing
between the CS42406 and other devices operating
over a wide range of logic levels.
High-pass filters are available for the right and left
channel of the A/D. This allows the A/D to remove
unwanted DC offsets.
The CS42406’s wide dynamic range, negligible
distortion, and low noise make it ideal for applica-
tions such as A/V receivers, DVD receivers, and
set-top box systems.
ORDERING INFORMATION
CS42406-CQZ
-10° to 70° C
48-pin LQFP
CDB42406
Evaluation Board


Similar Part No. - CS42406

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZR CIRRUS-CS42416-CQZR Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
More results

Similar Description - CS42406

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
   192kHz 24-bit 2ch/12ch Audio CODEC
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com