Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1218-04SC Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1218-04SC
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1218-04SC Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1218-04SC Datasheet HTML 1Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 2Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 3Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 4Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 5Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 6Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 7Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 8Page - California Micro Devices Corp CM1218-04SC Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
12/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
5
CM1218
Mechanical Details
CM1218 devices are supplied in the following pack-
ages: SOT23-3, SOT143, SOT23-5, SOT23-6, SC70-3,
SC70-5, and SC70-6.
SOT23-3 Mechanical Specifications
Dimensions for CM1218-02ST/SO devices supplied in
3-pin SOT23 packages are presented below.
For complete information on the SOT23-3, see the Cal-
ifornia Micro Devices SOT23 Package Information doc-
ument.
Package Dimensions for SOT23-3.
PACKAGE DIMENSIONS
Package
SOT23-3 (JEDEC name is TO-236)
Pins
3
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.0350
0.0441
A1
0.01
0.10
0.0004
0.0039
b
0.30
0.50
0.0118
0.0197
c
0.08
0.20
0.0031
0.0079
D
2.80
3.04
0.1102
0.1197
E
2.10
2.64
0.0827
0.1039
E1
1.20
1.40
0.0472
0.0551
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.40
0.60
0.0157
0.0236
L1
0.54 REF
0.0213 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
TOP VIEW
e
E1 E
2
e1
b
3
1
Mechanical Package Diagrams
A
SIDE VIEW
L1
END VIEW
D
A1
c
L


Similar Part No. - CM1218-04SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1218-04S7 ONSEMI-CM1218-04S7 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-04SE ONSEMI-CM1218-04SE Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-04SO ONSEMI-CM1218-04SO Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1218-04SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
logo
California Micro Device...
CM1219 CALMIRCO-CM1219 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com